Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 305 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 301Page - Renesas Technology Corp H8S/2111B Datasheet HTML 302Page - Renesas Technology Corp H8S/2111B Datasheet HTML 303Page - Renesas Technology Corp H8S/2111B Datasheet HTML 304Page - Renesas Technology Corp H8S/2111B Datasheet HTML 305Page - Renesas Technology Corp H8S/2111B Datasheet HTML 306Page - Renesas Technology Corp H8S/2111B Datasheet HTML 307Page - Renesas Technology Corp H8S/2111B Datasheet HTML 308Page - Renesas Technology Corp H8S/2111B Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 582 page
background image
Rev. 1.00, 05/04, page 271 of 544
12.7
Interrupt Sources
Table 12.10 shows the interrupt sources in serial communication interface. A different interrupt
vector is assigned to each interrupt source, and individual interrupt sources can be enabled or
disabled using the enable bits in SCR.
When the TDRE flag in SSR is set to 1, a TXI interrupt request is generated. When the TEND flag
in SSR is set to 1, a TEI interrupt request is generated.
When the RDRF flag in SSR is set to 1, an RXI interrupt request is generated. When the ORER,
PER, or FER flag in SSR is set to 1, an ERI interrupt request is generated.
A TEI interrupt is requested when the TEND flag is set to 1 while the TEIE bit is set to 1. If a TEI
interrupt and a TXI interrupt are requested simultaneously, the TXI interrupt has priority for
acceptance. However, note that if the TDRE and TEND flags are cleared simultaneously by the
TXI interrupt routine, the SCI cannot branch to the TEI interrupt routine later.
Table 12.10 SCI Interrupt Sources
Channel
Name
Interrupt Source
Interrupt Flag
Priority
ERI1
Receive error
ORER, FER, PER
RXI1
Receive data full
RDRF
TXI1
Transmit data empty
TDRE
High
1
TEI1
Transmit end
TEND
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com