Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 307 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 303Page - Renesas Technology Corp H8S/2111B Datasheet HTML 304Page - Renesas Technology Corp H8S/2111B Datasheet HTML 305Page - Renesas Technology Corp H8S/2111B Datasheet HTML 306Page - Renesas Technology Corp H8S/2111B Datasheet HTML 307Page - Renesas Technology Corp H8S/2111B Datasheet HTML 308Page - Renesas Technology Corp H8S/2111B Datasheet HTML 309Page - Renesas Technology Corp H8S/2111B Datasheet HTML 310Page - Renesas Technology Corp H8S/2111B Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 582 page
background image
Rev. 1.00, 05/04, page 273 of 544
12.8.6
SCI Operations during Mode Transitions
Transmission: Before making a transition to module stop, software standby, or sub-sleep mode,
stop all transmit operations (TE = TIE = TEIE = 0). TSR, TDR, and SSR are reset. The states of
the output pins during each mode depend on the port settings, and the pins output a high-level
signal after mode cancellation. If a transition is made during data transmission, the data being
transmitted will be undefined.
To transmit data in the same transmission mode after mode cancellation, set TE to 1, read SSR,
write to TDR, clear TDRE in this order, and then start transmission. To transmit data in a
different transmission mode, initialize the SCI first.
Figure 12.21 shows a sample flowchart for mode transition during transmission. Figures 12.22
and 12.23 show the pin states during transmission.
Reception: Before making a transition to module stop, software standby, watch, sub-active, or
sub-sleep mode, stop reception (RE = 0). RSR, RDR, and SSR are reset. If a transition is made
during data reception, the data being received will be invalid.
To receive data in the same reception mode after mode cancellation, set RE to 1, and then start
reception. To receive data in a different reception mode, initialize the SCI first.
Figure 12.24 shows a sample flowchart for mode transition during reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com