Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 308 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 304Page - Renesas Technology Corp H8S/2111B Datasheet HTML 305Page - Renesas Technology Corp H8S/2111B Datasheet HTML 306Page - Renesas Technology Corp H8S/2111B Datasheet HTML 307Page - Renesas Technology Corp H8S/2111B Datasheet HTML 308Page - Renesas Technology Corp H8S/2111B Datasheet HTML 309Page - Renesas Technology Corp H8S/2111B Datasheet HTML 310Page - Renesas Technology Corp H8S/2111B Datasheet HTML 311Page - Renesas Technology Corp H8S/2111B Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 582 page
background image
Rev. 1.00, 05/04, page 274 of 544
Start transmission
Transmission
[1]
No
No
No
Yes
Yes
Yes
Read TEND flag in SSR
Make transition to software standby mode etc.
Cancel software standby mode etc.
TE = 0
Initialization
TE = 1
[2]
[3]
All data transmitted?
Change operating mode?
TEND = 1
[1] Data being transmitted is lost
halfway. Data can be normally
transmitted from the CPU by
setting TE to 1, reading SSR,
writing to TDR, and clearing
TDRE to 0 after mode
cancellation.
[2] Also clear TIE and TEIE to 0
when they are 1.
[3] Module stop, watch, sub-active,
and sub-sleep modes are
included.
Figure 12.21 Sample Flowchart for Mode Transition during Transmission
TE bit
SCK
output pin
TxD
output pin
Port
input/output
Port input/output
Port
input/output
Start
Stop
High output
High output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Figure 12.22 Pin States during Transmission in Asynchronous Mode (Internal Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com