Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 309 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 305Page - Renesas Technology Corp H8S/2111B Datasheet HTML 306Page - Renesas Technology Corp H8S/2111B Datasheet HTML 307Page - Renesas Technology Corp H8S/2111B Datasheet HTML 308Page - Renesas Technology Corp H8S/2111B Datasheet HTML 309Page - Renesas Technology Corp H8S/2111B Datasheet HTML 310Page - Renesas Technology Corp H8S/2111B Datasheet HTML 311Page - Renesas Technology Corp H8S/2111B Datasheet HTML 312Page - Renesas Technology Corp H8S/2111B Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 582 page
background image
Rev. 1.00, 05/04, page 275 of 544
TE bit
SCK
output pin
TxD
output pin
Port input/output
Port
input/output
Port
input/output
High output*
Marking output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Last TxD bit retained
Note: * Initialized in software standby mode
Figure 12.23 Pin States during Transmission in Clocked Synchronous Mode
(Internal Clock)
Start reception
Reception
[1]
No
No
Yes
Yes
Read receive data in RDR
Read RDRF flag in SSR
Make transition to software
standby mode etc.
Cancel software standby mode etc.
RE = 0
Initialization
RE = 1
[2]
Change operating mode?
RDRF = 1
[1] Data being received will be invalid.
[2] Module stop, watch, sub-active, and
sub-sleep modes are included
Figure 12.24 Sample Flowchart for Mode Transition during Reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com