Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 310 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 306Page - Renesas Technology Corp H8S/2111B Datasheet HTML 307Page - Renesas Technology Corp H8S/2111B Datasheet HTML 308Page - Renesas Technology Corp H8S/2111B Datasheet HTML 309Page - Renesas Technology Corp H8S/2111B Datasheet HTML 310Page - Renesas Technology Corp H8S/2111B Datasheet HTML 311Page - Renesas Technology Corp H8S/2111B Datasheet HTML 312Page - Renesas Technology Corp H8S/2111B Datasheet HTML 313Page - Renesas Technology Corp H8S/2111B Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 582 page
background image
Rev. 1.00, 05/04, page 276 of 544
12.8.7
Switching from SCK Pins to Port Pins
When SCK pins are switched to port pins after transmission has completed, pins are enabled for
port output after outputting a low pulse of half a cycle as shown in figure 12.25.
SCK/Port
CKE0
CKE1
C/
A
TE
Data
1. Transmission end
2. TE = 0
3. C/
A = 0
4. Low pulse output
Bit 6
Bit 7
Low pulse of half a cycle
Figure 12.25 Switching from SCK Pins to Port Pins
To prevent the low pulse output that is generated when switching the SCK pins to the port pins,
specify the SCK pins for input (pull up the SCK/port pins externally), and follow the procedure
below with DDR = 1, DR = 1, C/
A = 1, CKE1 = 0, CKE1 = 0, and TE = 1.
1. End serial data transmission
2. TE bit = 0
3. CKE1 bit = 1
4. C/
A bit = 0 (switch to port output)
5. CKE1 bit = 0
SCK/Port
CKE0
CKE1
C/
A
TE
Data
1. Transmission end
2. TE = 0
4. C/
A = 0
3. CKE1 = 1
5. CKE1 = 0
Bit 6
Bit 7
High output
Figure 12.26 Prevention of Low Pulse Output at Switching from SCK Pins to Port Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com