Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CDCE62005RGZR Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCE62005RGZR
Descripción Electrónicos  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 68 Page - Texas Instruments

Back Button CDCE62005RGZR Datasheet HTML 64Page - Texas Instruments CDCE62005RGZR Datasheet HTML 65Page - Texas Instruments CDCE62005RGZR Datasheet HTML 66Page - Texas Instruments CDCE62005RGZR Datasheet HTML 67Page - Texas Instruments CDCE62005RGZR Datasheet HTML 68Page - Texas Instruments CDCE62005RGZR Datasheet HTML 69Page - Texas Instruments CDCE62005RGZR Datasheet HTML 70Page - Texas Instruments CDCE62005RGZR Datasheet HTML 71Page - Texas Instruments CDCE62005RGZR Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
APPLICATION INFORMATION AND GENERAL USAGE HINTS
/1 - /80
U0P
U0N
PRI_IN
SEC _IN
/1 - /80
U4P
U4N
Divide by 1: Upto 1500 MHz
Otherwise : Upto 1175 MHz
Upto 5 Outputs :
LVPECL orLVDS
Upto 10 Outputs:
LVCMOS
XTAL /
AUX _IN
Output
Divider 0
U0P
U0N
PFD/
CP
Prescaler
Feedback
Divider
Input
Divider
Smart
MUX
Output
Divider 4
U4P
U4N
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
Fan-out Buffer
Each output of the CDCE62005 can be configured as a fan-out buffer (divider bypassed) or fan-out buffer with
divide and skew control functionality.
Figure 41. CDCE62005 Fan-out Buffer Mode
Clock Generator
The CDCE62005 can generate 5–10 low noise clocks from a single crystal or crystal oscillator as follows:
Figure 42. CDCE62005 Clock Generator Mode
Jitter Cleaner – Mixed Mode (1)
The following table presents a common scenario. The CDCE62005 must generate several integer-related clocks
from a reference that has traversed a backplane. In order for jitter cleaning to take place, the phase noise of the
on-board clock path must be better than that of the incoming clock. The designer must pay attention to the
optimization of the loop bandwidth of the synthesizer and understand the phase noise profiles of the oscillators
involved. Further, other devices on the card require clocks at frequencies not related to the backplane clock. The
system requires combinations of differential and single-ended clocks in specific formats with specific phase
relationships. (1)
CLOCK FREQUENCY
INPUT/OUTPUT
FORMAT
NUMBER
CDCE62005 PORT
COMMENT
10.000 MHz
Input
LVDS
1
SEC_IN
Low end crystal oscillator
30.72 MHz
Input
LVDS
1
PRI_IN
Reference from backplane
122.88 MHz
Output
LVDS
1
U0
SERDES Clock
491.52 MHz
Output
LVPECL
1
U1
ASIC
245.76 MHz
Output
LVPECL
1
U2
FPGA
30.72 MHz
Outputs
LVCMOS
2
U3
ASIC
10.000 MHz
Outputs
LVCMOS
2
U4
CPU, DSP
(1)
Pay special attention when using the universal inputs with two different clock sources. Two clocks derived from the same source may
use the internal bias generator and internal termination network without jitter performance degradation. However, if their origin is from
different sources (e.g. two independent oscillators) then sharing the internal bias generator can degrade jitter performance significantly.
68
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com