Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VNQ05XSP16 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza VNQ05XSP16
Descripción Electrónicos  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ05XSP16 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNQ05XSP16 Datasheet HTML 6Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 7Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 8Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 9Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 10Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 11Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 12Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 13Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/17
VNQ05XSP16
High Level Input Current
Input Clamp Voltage
Off State Output Current
Overvoltage Shutdown
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
IL(off) (µA)
Off state
Vcc=36V
Vin=Vout=0V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Iih (µA)
Vin=3.25V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
6
6.25
6.5
6.75
7
7.25
7.5
7.75
8
Vicl (V)
Iin=1mA
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
30
32.5
35
37.5
40
42.5
45
47.5
50
Vov (V)
Input High Level
ILIM Vs Tcase
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Vih (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
2.5
5
7.5
10
12.5
15
17.5
20
Ilim (A)
Vcc=13V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com