Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VNQ05XSP16 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza VNQ05XSP16
Descripción Electrónicos  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ05XSP16 Datasheet(HTML) 4 Page - STMicroelectronics

  VNQ05XSP16 Datasheet HTML 1Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 2Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 3Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 4Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 5Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 6Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 7Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 8Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
VNQ05XSP16
THERMAL DATA
(*) When mounted on FR4 printed circuit board with 0.5 cm² of copper area (at least 35
µm thick) connected to all V
CC pins
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C<Tj<150°C; unless otherwise specified) (Per each channel)
POWER
SWITCHING (VCC=13V)
PROTECTIONS
Note 1: Vclamp and VOV are correlated. Typical difference is 5V.
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
(MAX)
1.6
°C/W
Rthj-amb
Thermal resistance junction-ambient
(MAX)
51.6 (*)
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Operating supply voltage
5.5
13
36
V
VUSD
Under voltage shut down
3
4
5.5
V
VOV
Overvoltage shut down
36
V
RON
On state resistance
IOUT1,2,3,4=1A; Tj=25°C
IOUT1,2,3,4=1A; Tj=150°C
IOUT1,2,3,4=0.5A; VCC=6V
110
220
330
m
m
m
Vclamp
Clamp Voltage
ICC=20mA (See note 1)
41
48
55
V
IS
Supply current
Off state; Inputs=n.c.; VCC=13V
On state; VIN=5V; VCC=13V; IOUT=0A;
RSENSE=3.9kΩ
80
10
µA
mA
IL(off1)
Off State Output Current VIN=VOUT=0V
0
50
µA
IL(off2)
Off State Output Current VIN=0V; VOUT=3.5V
-75
0
µA
IL(off3)
Off State Output Current VIN=VOUT=0V; Vcc=13V; Tj=125°C
5
µA
IL(off4)
Off State Output Current VIN=VOUT=0V; Vcc=13V; Tj=25°C
3
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time
RL=2.6Ω channels 1,2,3,4 (see figure 2)
40
µs
td(off)
Turn-off delay time
RL=2.6Ω channels 1,2,3,4 (see figure 2)
40
µs
(dVOUT/
dt)on
Turn-on voltage slope
RL=2.6Ω channels 1,2,3,4 (see figure 2)
See
relative
diagram
V/
µs
(dVOUT/
dt)off
Turn-off voltage slope
RL=2.6Ω channels 1,2,3,4 (see figure 2)
See
relative
diagram
V/
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Ilim
DC short circuit current
VCC=13V
5.5V<VCC<36V
57.5
10
10
A
A
TTSD
Thermal shut down
temperature
150
175
200
°C
TR
Thermal reset
temperature
135
°C
THYST
Thermal hysteresis
715
°C
Vdemag
Turn-off output voltage
clamp
IOUT=2A; L=6mH
VCC-41 VCC-48 VCC-55
V
VON
Output voltage drop
limitation
IOUT=0.1A
Tj=-40°C...+150°C
50
mV
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com