Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VNQ05XSP16 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza VNQ05XSP16
Descripción Electrónicos  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ05XSP16 Datasheet(HTML) 5 Page - STMicroelectronics

  VNQ05XSP16 Datasheet HTML 1Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 2Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 3Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 4Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 5Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 6Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 7Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 8Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
VNQ05XSP16
CURRENT SENSE (9V< VCC <16V)
LOGIC CHARACTERISTICS (Inputs, Sela&b, Sensenable)
Note 2: current sense signal delay after positive input slope.
Note: Sense pin doesn’t have to be left floating.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
K1
IOUT/ISENSE
IOUT=0.1A; VSENSE=0.5V
Tj=-40...+150°C
650
950
1200
dK1/K1
Current Sense Ratio
Drift
IOUT=0.1A; VSENSE=0.5V;
Tj= -40°C...+150°C
-10
+10
%
K2
IOUT/ISENSE
IOUT=1.0A, VSENSE=4V
Tj=-40...+150°C
800
1000
1200
dK2/K2
Current Sense Ratio
Drift
IOUT=1.0A; VSENSE=4V;
Tj=-40°C...+150°C
-8
+8
%
K3
IOUT/ISENSE
IOUT=2.0A, VSENSE=4V
Tj=-40...+150°C
850
1000
1150
dK3/K3
Current Sense Ratio
Drift
IOUT=2.0A; VSENSE=4V;
Tj=-40°C...+150°C
-6
+6
%
ISENSEO
Analog Sense
Leakage Current
VCC=6...16V;
IOUT=0A;VSENSE=0V;
Tj=-40°C...+150°C
010
µA
VSENSE1,2,3,4
Max analog sense
output voltage
VCC=5.5V, IOUT1,2,3,4=1.0A
RSENSE=10kΩ
VCC>8V, IOUT1,2,3,4=2.0A
RSENSE=10kΩ
2
4
V
V
VSENSEH
Analog sense output
voltage in
overtemperature
condition
VCC=13V; RSENSE= 3.9kΩ
5.5
V
RVSENSEH
Analog sense output
impedance in
overtemperature
condition
VCC=13V; Tj>TTSD;
All Channels Open
400
tDSENSE
Current sense delay
VCC=13V; RSENSE=3.9kΩ
(see note 2)
300
500
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input low level
voltage
1.25
V
VIH
Input high level
voltage
3.25
V
VI(hyst)
Input hysteresis
voltage
0.5
V
IIL
Low level input
current
VIN=1.25V
1
µA
IIN
High level input
current
VIN=3.25V
10
µA
VICL
Input clamp voltage
IIN=1mA
IIN=-1mA
66.8
-0.7
8V
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com