Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VNQ05XSP16 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza VNQ05XSP16
Descripción Electrónicos  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ05XSP16 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VNQ05XSP16 Datasheet HTML 2Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 3Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 4Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 5Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 6Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 7Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 8Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 9Page - STMicroelectronics VNQ05XSP16 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/17
VNQ05XSP16
TRUTH TABLE
TRUTH TABLE
Figure 1: IOUT/ISENSE versus IOUT
CONDITIONS
INPUT
OUTPUT
SENSE
Normal operation
L
H
L
H
0
Nominal
Overtemperature
L
H
L
L
0
VSENSEH
Undervoltage
L
H
L
L
0
0
Overvoltage
L
H
L
L
0
0
Short circuit to GND
L
H
H
L
L
L
0
(Tj<TTSD) 0
(Tj>TTSD) VSENSEH
Short circuit to VCC
L
H
H
H
0
< Nominal
Negative output voltage
clamp
LL
0
SENSENABLE
SELB
SELA
SENSE
L
X
X
High Impedance
HL
L
ISENSE=IOUT1/K
HL
H
ISENSE=IOUT2/K
HH
L
ISENSE=IOUT3/K
HH
H
ISENSE=IOUT4/K
1
500
600
700
800
900
1000
1100
1200
1300
1400
1500
01
234
56
78
9
10
IOUT (A)
IOUT/ISENSE
m ax. Tj=-40°C<<150°C
m in. Tj=-40°C<<150°C
typical value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com