Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTPV Datasheet(PDF) 14 Page - Linear Technology

No. de pieza LTPV
Descripción Electrónicos  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTPV Datasheet(HTML) 14 Page - Linear Technology

Back Button LTPV Datasheet HTML 10Page - Linear Technology LTPV Datasheet HTML 11Page - Linear Technology LTPV Datasheet HTML 12Page - Linear Technology LTPV Datasheet HTML 13Page - Linear Technology LTPV Datasheet HTML 14Page - Linear Technology LTPV Datasheet HTML 15Page - Linear Technology LTPV Datasheet HTML 16Page - Linear Technology LTPV Datasheet HTML 17Page - Linear Technology LTPV Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC1699 Series
14
pin is used to shut down the converters without the need
for lengthy SMBus Off protocols and can also be used to
turn on up to three DC/DC converters simultaneously. The
VRON pin has an internal 2.5uA current source pull-up.
The CPU_ON, IO_ON and CLK_ON pins are N-channel,
open drain outputs. These outputs can be connected to the
RUN/SS pin of LTC DC/DC converters that generate the
VCC supplies of the CPU, I/O circuits and the clock buffer.
The RUN/SS pin shuts down the converter if pulled low
and also serves as a connection for the soft-start capaci-
tor. The CPU_ON, IO_ON and CLK_ON pins are open drain
outputs and do not interfere with soft-start when switched
into a high impedance state. To keep the I/O and clock
buffer VCC supplies alive at all times, disconnect the IO_ON
and CLK_ON pins from the corresponding RUN/SS pins.
The N-channel FETs at the CPU_ON, IO_ON and CLK_ON
pins typically discharge a 0.1
µF(0.01µF)soft-startcapaci-
tor from 3V to 0.35V in 21
µs (2.3µs) with VCC = 2.7V.
The PGOOD or “Power Good” pin is also an open drain,
N-channel output. The PGOOD pin pulls low if the DC/DC
converters are shutdown. If the converters are turned on,
an internal timer keeps PGOOD low for 50
µs (typical)
which allows time for the converters to enter regulation.
Toggling the SEL pin while the converters are turned on
also causes the PGOOD pin to pull low for 50
µs. The
PGOOD pin may be used to force continuous operation in
an LTC DC/DC converter. If the SEL pin is toggled to select
a lower output voltage, it may take an unacceptably long
time for the output of the DC/DC converter to decrease to
the new voltage under light load conditions. To reduce this
time needed, the PGOOD pin can be connected to the FCB
(force continuous bar) pin of the converter. When the SEL
pin is toggled to select a new code, FCB pin is forced low
for 50
µs. This forces the DC/DC converter out of Burst
Mode
TM operation and into continuous mode.
The VRON pin and SMBON, the output of the internal on/
off state machine, control the state of the CPU_ON, IO_ON,
CLK_ON and PGOOD pins. The DCON signal is a logical
NAND function of the logical states of VRON and SMBON
and is the status bit that is returned during Read-back.
Table 3 shows the state of the CPU_ON, IO_ON, and
CLK_ON pins for various combinations of VRON and
SMBON.
Table 3. DC/DC Converter Control Pins
VRON
SMBON
DCON
PGOOD
CPU_ON, IO_ON, CLK_ON
0X
1
0
0
(Note 3)
10
1
0
0
1
↑↓
0 for 50
µs
Z (Note 2)
(Note 1)
↑
1
↓
0 for 50
µs
Z (Note 2)
(Note 1)
Note 1: Also triggered by SEL pin toggling.
Note 2: Z = High Impedance
Note 3: X = Don’t care
If the DCON control bit goes high, the N-channel transistor
at the CPU_ON, IO_ON, CLK_ON and PGOOD pins turn on,
pulling these pins to ground. Any connected RUN/SS pins
are pulled to ground, shutting down the converters.
If the DCON control bit goes low, the N-channel transistor
at the CPU_ON, CLK_ON, IO_ON and PGOOD pins turn off
and become high impedance outputs. This allows the soft-
start capacitor at each RUN/SS pin to charge up and the
DC/DC converters wake up gradually with a soft-start
cycle. The PGOOD pin also pulls low for typically 50
µs to
indicate that the converter outputs are temporarily out of
regulation. An internal timer determines the duration of
the low pulse. The timer is triggered by SEL toggling or
DCON going low.
Power-Up Reset
On power-up, the internal POR circuit generates a low
reset pulse, which stays low until VCC rises above approxi-
mately 2.2V. The reset pulse forces the SMBus interface
into an idle state in which it listens for a start bit. At the
same time the outputs of both Register 0 and Register 1
are set to 11111B. The DCON bit is pulled high so that the
CPU_ON, IO_ON, CLK_ON and PGOOD pins are pulled low
to shut down the DC/DC converters.
APPLICATIO S I FOR ATIO
Burst Mode is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com