Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTPV Datasheet(PDF) 3 Page - Linear Technology

No. de pieza LTPV
Descripción Electrónicos  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTPV Datasheet(HTML) 3 Page - Linear Technology

  LTPV Datasheet HTML 1Page - Linear Technology LTPV Datasheet HTML 2Page - Linear Technology LTPV Datasheet HTML 3Page - Linear Technology LTPV Datasheet HTML 4Page - Linear Technology LTPV Datasheet HTML 5Page - Linear Technology LTPV Datasheet HTML 6Page - Linear Technology LTPV Datasheet HTML 7Page - Linear Technology LTPV Datasheet HTML 8Page - Linear Technology LTPV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC1699 Series
3
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 2.7V ≤ VCC ≤ 5.5V (Notes 3, 4) unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISK1
SDA, PGOOD, CPU_ON, IO_ON,
0
≤ VPIN ≤ 2.7V
q
519
60
mA
CLK_ON Sink Current at VCC = 2.7V
ISK2
SDA, PGOOD, CPU_ON, IO_ON,
0
≤ VPIN ≤ 5.5V
q
35
65
150
mA
CLK_ON Sink Current at VCC = 5.5V
ILKG
PGOOD, CPU_ON, IO_ON,
0
≤ VPIN ≤ 5.5V
q
±2
µA
CLK_ON Leakage Current
IPU
VRON Pull-Up Current
VPIN = 0
q
–1
– 2.5
– 7
µA
Timing (Note 5)
fSMB
SMBus Operating Frequency
q
10
100
KHz
tBUF
Bus Free Time Between Stop/Start
q
4.7
µs
tHD:STA
Hold Time After (Repeated) Start
q
4.0
µs
tSU:STA
Repeated Start Setup Time
q
4.7
µs
tSU:STO
Stop Condition Setup Time
q
4.0
µs
tHD:DAT
Data Hold Time
q
300
ns
tSU:DAT
Data Setup Time
q
250
ns
tLOW
Clock Low Period
q
4.7
µs
tHIGH
Clock High Period
q
4.0
µs
tf
SCL, SDA Fall Time
0.9VCC to 0.65V
q
300
ns
tr
SCL, SDA Rise Time
0.65V to 2.25V
q
1000
ns
tSSH
SEL to SENSE High (Note 6)
Toggle SEL to Switch from Min VOUT to Max VOUT,
500
ns
VFB = 0.8V
tSSL
SEL to SENSE Low (Note 6)
Toggle SEL to Switch from Max VOUT to Min VOUT,
500
ns
VFB = 0.8V
tSPL
SEL Toggling to PGOOD Low
Toggle SEL to Select New Code
q
160
500
ns
CL = 100pF, 10kΩ Pull-Up, S2 in Figure 1
tPH
Stop Bit to CPU_ON, IO_ON
CL = 100pF, 10kΩ Pull-Up, S2 in Figure 1
q
2
µs
or CLK_ON High (Note 7)
tPL
Stop Bit to CPU_ON, IO_ON
CL = 0.1µF, 10kΩ Pull-Up, S1 in Figure 1
q
20
50
µs
or CLK_ON Low (Note 7)
tPPL
Stop Bit to PGOOD Low (Note 6)
CL = 100pF, 10kΩ Pull-Up, S2 in Figure 1
q
250
ns
tVH
VRON High to CPU_ON, IO_ON
CL = 100pF, 10kΩ Pull-Up, S2 in Figure 1
q
2
µs
or CLK_ON High
tVL
VRON Low to CPU_ON, IO_ON,
CL = 0.1µF, 10kΩ Pull-Up, S1 in Figure 1
q
50
µs
CLK_ON Low
tVPL
VRON Low to PGOOD Low
CL = 100pF, 10kΩ Pull-Up, S2 in Figure 1
q
130
500
ns
tPGL
PGOOD Low Duration
CL = 100pF, 10kΩ Pull-Up, S2 in Figure 1
q
30
50
70
µs
Note1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1699-80E, LTC1699-81E and LTC1699-82E are
guaranteed to meet performance specifications from 0
°C to 70°C.
Specifications over the – 40
°C to 85°C operating temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 3: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 4: All typical numbers are given for VCC = 5V and TA = 25°C.
Note 5: These parameters are guaranteed by design and are not tested in
production. SMBus timing is referenced to VIL and VIH levels.
Note 6: Dominated by the switching regulator. The delay due to the
LTC1699-80, LTC1699-81 or LTC1699-82 is typically 500ns.
Note 7: Measured from the rising edge of SDA during Data High
acknowledgement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com