Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTPV Datasheet(PDF) 18 Page - Linear Technology

No. de pieza LTPV
Descripción Electrónicos  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTPV Datasheet(HTML) 18 Page - Linear Technology

Back Button LTPV Datasheet HTML 12Page - Linear Technology LTPV Datasheet HTML 13Page - Linear Technology LTPV Datasheet HTML 14Page - Linear Technology LTPV Datasheet HTML 15Page - Linear Technology LTPV Datasheet HTML 16Page - Linear Technology LTPV Datasheet HTML 17Page - Linear Technology LTPV Datasheet HTML 18Page - Linear Technology LTPV Datasheet HTML 19Page - Linear Technology LTPV Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC1699 Series
18
TYPICAL APPLICATIO S
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COSC
RUN/SS
ITH
PGOOD
SENSE–
SENSE+
VOSENSE
SGND
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
LTC1735-1
CSS
0.1
µF
CB
0.22
µF
CC2
220pF
47pF
100k
470k
INTVCC
CC
220pF
RC
20k
100k*
*OPTIONAL TO DEFEAT OVERCURRENT LATCHOFF
RSENSE
0.004
Ω
VOUT
1.6V
12A
1000pF
COSC 39pF
+
4.7
µF
1
µF
+
COUT
180
µF
4V
×3
CO
47
µF
10V
CIN
150
µF
6.3V
×2
Q1
FDS6680A
Q2, Q3
FDS6680A
×2
COUT: PANASONIC EEFUEOG181R
CIN: PANASONIC EEFUEOJ151R
CO: TAIYO YUDEN LMK550BJ476MM-B
L1: COILCRAFT 1705022P-781HC
Q4, Q5: 2N2222
RSENSE: IRC LRF 2512-01-R004-J
1699 TA03
DB
MBR0530
MBRD835L
VIN
5V
L1
0.78
µH
VIN
5V
SGND
Q4
Q5
POWER
GOOD
10k
FB
PGOOD
CLK_ON
IO_ON
CPU_ON
VRON
SDA
SEL
SCL
VCC
SENSE
TO
µP
GND
SGND
LTC1699-81
180pF
0.1
µF
SMBus Programmed CPU Core Voltage Regulator for 2-Step Applications (VIN = 5V) with Burst Mode Operation Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com