Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTPV Datasheet(PDF) 6 Page - Linear Technology

No. de pieza LTPV
Descripción Electrónicos  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTPV Datasheet(HTML) 6 Page - Linear Technology

Back Button LTPV Datasheet HTML 2Page - Linear Technology LTPV Datasheet HTML 3Page - Linear Technology LTPV Datasheet HTML 4Page - Linear Technology LTPV Datasheet HTML 5Page - Linear Technology LTPV Datasheet HTML 6Page - Linear Technology LTPV Datasheet HTML 7Page - Linear Technology LTPV Datasheet HTML 8Page - Linear Technology LTPV Datasheet HTML 9Page - Linear Technology LTPV Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC1699 Series
6
Note: Pin numbers apply to 16-lead SSOP packages.
SEL (Pin 1): Register Select Input. A TTL compatible logic
input pin that is used to select 1 of 2 resistor divider
settings. SEL selects the setting in Register 0 if pulled low
and the setting in Register 1 if pulled high.
NC (Pin 2): Not connected.
SDA (Pin 3): SMBus Data Input/Output. SDA is a high
impedance input when address, command or data bits are
shifted in. It is an open drain, N-channel output when
acknowledging or sending data back to the microproces-
sor during read-back. It requires a pull-up resistor or
current source to VCC.
SCL (Pin 4): SMBus Clock Input. Data at the SDA pin is
latched into the LTC1699 at the rising edge of the clock and
is shifted out of the SDA pin at the falling edge of the clock.
SCL is a high impedance input pin. It is driven by the open
collector output of a microprocessor and requires a pull-
up resistor or current source to VCC.
VRON (Pin 5): Global Control Input. This TTL compatible
input pin is pulled up internally by a 2.5
µA current source.
Pulling VRON low forces the open drain output pins
(CPU_ON, IO_ON, CLK_ON and PGOOD) to pull to ground.
If the LTC1699-80, LTC1699-81 or LTC1699-82 is pro-
grammed to turn on DC/DC converters, pulling VRON high
three-states the CPU_ON, IO_ON and CLK_ON pins and
allows the DC/DC converters to soft-start.
PGOOD (Pin 6): Power Good Output. This open drain
output is pulled low for 50
µs each time the LTC1699-80,
LTC1699-81 or LTC1699-82 turns on the DC/DC convert-
ers or SEL is toggled to select a new code. PGOOD may be
connected to the FCB input of an LTC DC/DC converter to
force the converter into continuous mode operation. This
reduces the time needed for the converter output to settle
to a lower output voltage under light load conditions if the
SEL pin is toggled.
NC (Pin 7): Not connected.
CPU_ON (Pin 8): CPU DC/DC Converter Control. Open
drain output, usually connected to the RUN/SS pin of a DC/
DC converter that generates the CPU core supply. It pulls
low to shut down the converter or becomes a high imped-
ance state to allow the converter to soft-start.
IO_ON (Pin 9): I/O DC/DC Converter Control. Open drain
output, normally connected to the RUN/SS pin of the DC/
DC converter that generates the I/O supply. It pulls low to
shut down the converter or becomes a high impedance
state to allow the converter to soft-start.
CLK_ON (Pin 10): Clock DC/DC Converter Control. Open
drain output, optionally connected to the RUN/SS pin of
the DC/DC converter that generates the supply for the
clock buffer. It pulls low to shut down the converter or
becomes a high impedance state to allow the converter to
soft-start.
NC (Pin 11): Not connected.
SENSE (Pin 12): Sense Input. Upper terminal of the
resistor divider that is connected directly to the output
voltage being regulated.
FB (Pin 13): Feedback Input. Center tap of the divider that
is connected to the feedback pin of an LTC 0.8V referenced
DC/DC converter.
GND (Pin 14): Ground. Connect to regulator signal ground.
GND (Pin 15): Divider Ground. Short to Pin 14.
VCC (Pin 16): Positive Supply. 2.7V ≤ VCC ≤ 5.5V. Bypass
this pin to ground with a 0.1
µF ceramic capacitor.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com