Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HC230 Datasheet(PDF) 73 Page - Altera Corporation

No. de pieza HC230
Descripción Electrónicos  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

HC230 Datasheet(HTML) 73 Page - Altera Corporation

Back Button HC230 Datasheet HTML 69Page - Altera Corporation HC230 Datasheet HTML 70Page - Altera Corporation HC230 Datasheet HTML 71Page - Altera Corporation HC230 Datasheet HTML 72Page - Altera Corporation HC230 Datasheet HTML 73Page - Altera Corporation HC230 Datasheet HTML 74Page - Altera Corporation HC230 Datasheet HTML 75Page - Altera Corporation HC230 Datasheet HTML 76Page - Altera Corporation HC230 Datasheet HTML 77Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 228 page
background image
Altera Corporation
4–31
September 2008
Maximum Output Clock Rates
1.8-V HSTL class I
4 mA
210
210
210
MHz
6 mA
210
210
210
MHz
8 mA
220
220
220
MHz
10 mA
250
250
250
MHz
12 mA (3)
270
270
270
MHz
1.8-V HSTL class
II
16 mA
190
190
190
MHz
18 mA
200
200
200
MHz
20 mA (3)
210
210
210
MHz
1.5-V HSTL class I
4 mA
150
150
150
MHz
6 mA
160
160
160
MHz
8 mA
170
170
170
MHz
10 mA
180
180
180
MHz
12 mA (3)
190
190
190
MHz
1.5-V HSTL class
II
16 mA
170
170
170
MHz
18 mA
170
170
170
MHz
20 mA (3)
170
170
170
MHz
PCI (4)
315
315
315
315
MHz
PCI-X (4)
315
315
315
315
MHz
LVDS
320
280
MHz
HyperTransport
320
MHz
LVPECL
280
MHz
Differential SSTL2
class I (5)
8 mA
210
210
210
MHz
12 mA (3)
280
280
280
MHz
Differential SSTL2
class II (5)
16 mA
245
245
245
MHz
20 mA
245
245
245
MHz
24 mA (3)
280
280
280
MHz
Differential
SSTL18 class I (5)
4 mA
105
105
105
MHz
6 mA
175
175
175
MHz
8 mA
210
210
210
MHz
10 mA
220
220
220
MHz
12 mA (3)
230
230
230
MHz
Table 4–36. HardCopy II Maximum Output Clock Rate for HC210W Devices
Notes (1), (6) (Part 3 of 4)
I/O Standard
Drive
Strength
Memory
Interface
IOEs
High
Speed
IOEs
General Purpose
IOEs
CLK [0,
2, 8,
10] (2)
CLK
[4..7,
12..15]
PLL_OUT
Unit
Bottom
Column
Right
Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com