Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HC230 Datasheet(PDF) 25 Page - Altera Corporation

No. de pieza HC230
Descripción Electrónicos  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

HC230 Datasheet(HTML) 25 Page - Altera Corporation

Back Button HC230 Datasheet HTML 21Page - Altera Corporation HC230 Datasheet HTML 22Page - Altera Corporation HC230 Datasheet HTML 23Page - Altera Corporation HC230 Datasheet HTML 24Page - Altera Corporation HC230 Datasheet HTML 25Page - Altera Corporation HC230 Datasheet HTML 26Page - Altera Corporation HC230 Datasheet HTML 27Page - Altera Corporation HC230 Datasheet HTML 28Page - Altera Corporation HC230 Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 228 page
background image
Altera Corporation
2–17
September 2008
Preliminary
I/O Structure and Features
The three types of IOEs are located in different areas of the device and are
described in the following sections. HardCopy II devices have eight I/O
banks, just as in Stratix II FPGAs. Figures 2–4 through 2–6 show which
I/O type each bank supports.
LVPECL
Differential
3.3/2.5/
1.8/1.5
(8)
(8)
(8)
Notes to Table 2–9:
(1)
Pseudo-differential HSTL and SSTL inputs only use the positive-polarity input in the speed path. The negative
input is not connected internally. Pseudo-differential HSTL and SSTL outputs use two single-ended outputs with
the second output programmed as inverted. This is similar to a Stratix II device implementation.
(2)
The PCI clamping diode is only supported on the I/O pins on the top and bottom sides of the device.
(3)
This I/O standard is only supported on the DQS,
CLK and PLL_FB input pins or on the PLL_OUT output pins.
(4)
This I/O standard is only supported on the bottom
CLK and PLL_FB input pins or on the bottom PLL_OUT output
pins.
(5)
This I/O standard is only supported on the
CLK and PLL_FB input pins or on the PLL_OUT output pins.
(6)
Also supported on
CLK9 and CLK11 pins.
(7)
This I/O standard is only supported on
CLK and PLL_FB input pins.
(8)
LVPECL input I/O standard is supported on the top and bottom
CLK and PLL_FB input pins. LVPECL output I/O
standard is supported on the top and bottom
PLL_OUT output pins. LVPECL support is similar to Stratix II devices.
Table 2–9. HardCopy II Supported I/O Standards (Part 3 of 3)
I/O Standard
Type
VCCIO Level (V)
Memory
Interface
IOEs
General
Purpose IOEs
High-Speed
IOEs
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com