Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HC230 Datasheet(PDF) 17 Page - Altera Corporation

No. de pieza HC230
Descripción Electrónicos  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

HC230 Datasheet(HTML) 17 Page - Altera Corporation

Back Button HC230 Datasheet HTML 13Page - Altera Corporation HC230 Datasheet HTML 14Page - Altera Corporation HC230 Datasheet HTML 15Page - Altera Corporation HC230 Datasheet HTML 16Page - Altera Corporation HC230 Datasheet HTML 17Page - Altera Corporation HC230 Datasheet HTML 18Page - Altera Corporation HC230 Datasheet HTML 19Page - Altera Corporation HC230 Datasheet HTML 20Page - Altera Corporation HC230 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 228 page
background image
Altera Corporation
2–9
September 2008
Preliminary
PLLs and Clock Networks
outputs are cleared on power up. The designer needs to take these into
consideration when designing logic that might evaluate the initial
power-up values of the memory block.
HardCopy II embedded memory consists of M4K and M-RAM memory
blocks and have a one-to-one mapping from Stratix II M4K and M-RAM
resources. Table 2–4 shows the size and features of the different RAM
blocks.
f
For more information on the Stratix II memory block features, refer to
the Stratix II Device Handbook.
PLLs and Clock
Networks
Both HardCopy II enhanced and fast PLLs are feature rich, supporting
advanced capabilities such as clock switchover, reconfigurable phase
shift, PLL reconfiguration, and reconfigurable bandwidth. PLLs are used
for general-purpose clock management, supporting multiplication,
division, phase shifting, and programmable duty cycle. In addition,
enhanced PLLs support external clock feedback mode, spread-spectrum
clocking, and counter cascading. Fast PLLs offer high speed outputs to
manage the high-speed differential I/O interfaces.
1
All Stratix II PLL features are supported by HardCopy II PLLs.
Similar to Stratix II FPGAs, HardCopy II devices also support a
power-down mode where unused clock networks can be disabled.
HardCopy II and Stratix II clock control blocks support dynamic
selection of the input clock from up to four possible sources, giving the
designer the flexibility to choose from multiple (up to four) clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com