Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602BEMLLR Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602BEMLLR
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602BEMLLR Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC5602BEMLLR Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
28
4.10
Low voltage domain power consumption
Table 22 provides DC electrical characteristics for significant application modes. These values are indicative values; actual
consumption depends on the application.
Table 21. Low voltage monitor electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
VPORUP
SR P Supply for functional POR module
TA = 25 °C,
after trimming
1.0
—
5.5
V
VPORH
CC P Power-on reset threshold
1.5
—
2.6
VLVDHV3H CC T LVDHV3 low voltage detector high threshold
—
—
2.95
VLVDHV3L
CC P LVDHV3 low voltage detector low threshold
2.7
—
2.9
VLVDHV5H CC T LVDHV5 low voltage detector high threshold
—
—
4.5
VLVDHV5L
CC P LVDHV5 low voltage detector low threshold
3.8
—
4.4
VLVDLVCORL CC P LVDLVCOR low voltage detector low threshold
1.07
—
1.11
VLVDLVBKPL CC P LVDLVBKP low voltage detector low threshold
1.07
—
1.11
Table 22. Low voltage power domain electrical characteristics
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
IDDMAX
2
CC D RUN mode maximum
average current
—
—
115
1403
mA
IDDRUN
4
CC T RUN mode typical average
current5
—
—
60
80
mA
P
—
—
TBD
TBD
IDDHALT
CC P HALT mode current6
—
—
8
TBD
mA
IDDSTOP
CC P STOP mode current7
Slow internal RC oscillator
(128 kHz) running
TA = 25 °C
—
180
7008
µA
D
TA = 55 °C
—
500
—
D
TA = 85 °C
—
1
—
mA
D
TA = 105 °C
—
2
—
P
TA = 125 °C
—
4.5
TBD(8)
IDDSTDBY2 CC P STANDBY2 mode current
9 Slow internal RC oscillator
(128 kHz) running
TA = 25 °C
—
30
100
µA
D
TA = 55 °C
—
TBD
—
D
TA =85°C
—
—
D
TA = 105 °C
—
—
P
TA = 125 °C
—
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com