Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602BEMLLR Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602BEMLLR
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602BEMLLR Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5602BEMLLR Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4
General description
Freescale Semiconductor
4
I2C
1
32 kHz
oscillator
Yes
GPIO5
79
123
79
79
123
79
79
123
123
79
Debug
JTAG
Nexus2+
JTAG
Package
100
LQFP
144
LQFP
100
LQFP
100
LQFP
144
LQFP
100
LQFP
100
LQFP
144
LQFP
208 MA
PBGA6
100
LQFP
1 Feature set dependent on selected peripheral multiplexing—table shows example implementation
2 Based on 105 °C ambient operating temperature
3 Refer to eMIOS section of device reference manual for information on the channel configuration and functions
4 IC - Input Capture; OC - Output Compare; PWM - Pulse Width Modulation; MC - Modulus counter
5 I/O count based on multiplexing with peripherals
6 208 MAPBGA available only as development package for Nexus2+
Table 1. MPC5604B/C device comparison1 (continued)
Feature
Device
MPC560
2BxLL
MPC560
2BxLQ
MPC560
2CxLL
MPC560
3BxLL
MPC560
3BxLQ
MPC560
3CxLL
MPC560
4BxLL
MPC560
4BxLQ
MPC560
4BxMG
MPC560
4CxLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com