Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602BEMLLR Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602BEMLLR
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602BEMLLR Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC5602BEMLLR Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5602BEMLLR Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
Electrical characteristics
MPC5604B/C Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
43
IDD_BV(ADC)
CC T ADC supply current on
VDD_BV
VDD = 5.5 V Ballast static consumption
(no conversion)
0.0409 * fperiph
mA
VDD = 5.5 V
Ballast dynamic
consumption (continuus
conversion)
0.0049 * fperiph
IDD_HV_ADC(ADC) CC T ADC supply current on
VDD_HV_ADC
VDD = 5.5 V Analog static consumption
(no conversion)
0.0017 * fperiph
VDD = 5.5 V
Analog dynamic
consumption (continuus
conversion)
0.075 * fperiph + 0.032
IDD_HV(FLASH) CC T CFlash + DFlash
supply current on
VDD_HV_ADC
VDD = 5.5 V
-
8.21 (4.14 + 4.07)
IDD_HV(PLL)
CC T PLL supply current on
VDD_HV
VDD = 5.5 V
-
0.0031 * fperiph
1 Operating conditions: T
A = 25 °C, fperiph = 8 MHz to 64 MHz
Table 38. On-chip peripherals current consumption1 (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com