| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5602BEMLLR Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5602BEMLLR Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc |
|
69 / 72 page ![]() Document revision history MPC5604B/C Microcontroller Data Sheet, Rev. 4 Freescale Semiconductor 69 2 06-Mar-2009 Made minor editing and formatting changes to improve readability Harmonized oscillator naming throughout document Features: —Replaced 32 KB with 48 KB as max SRAM size —Updated descripiton of INTC —Changed max number of GPIO pins from 121 to 123 Updated Section 1.1, “Introduction Updated Table 2 Added Section 2, “Device blocks Section 3, “Package pinouts: Removed signal descriptions (these are found in the device reference manual) Updated Figure 2: —Replaced VPP with VSS_HV on pin 18 —Added MA[1] as AF3 for PC[10] (pin 28) —Added MA[0] as AF2 for PC[3] (pin 116) —Changed description for pin 120 to PH[10] / GPIO[122] / TMS —Changed description for pin 127 to PH[9] / GPIO[121] / TCK —Replaced NMI[0] with NMI on pin 11 Updated Figure 3: —Replaced VPP with VSS_HV on pin 14 —Added MA[1] as AF3 for PC[10] (pin 22) —Added MA[0] as AF2 for PC[3] (pin 77) —Changed description for pin 81 to PH[10] / GPIO[122] / TMS —Changed description for pin 88 to PH[9] / GPIO[121] / TCK —Removed E1UC[19] from pin 76 —Replaced [11] with WKUP[11] for PB[3] (pin 1) —Replaced NMI[0] with NMI on pin 7 Updated Figure 4: —Changed description for ball B8 from TCK to PH[9] —Changed description for ball B9 from TMS to PH[10] —Updated descriptions for balls R9 and T9 Added Section 3.2, “Parameter classification and tagged parameters in tables where appropriate Added Section 3.3, “NVUSRO register Updated Table 7 Section 3.5, “Recommended operating conditions: Added note on RAM data retention to end of section Updated Table 8 and Table 9 Added Section 3.6.1, “Package thermal characteristics Updated Section 3.6.2, “Power considerations Updated Figure 6 Updated Table 12, Table 13, Table 14, Table 15 and Table 16 Table 45. Revision history (continued) Revision Date Description of Changes |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |