| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5604CEMLLR Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604CEMLLR Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc |
|
23 / 72 page ![]() Electrical characteristics MPC5604B/C Microcontroller Data Sheet, Rev. 4 Freescale Semiconductor 23 4.8 nRSTIN electrical characteristics The device implements a dedicated bidirectional RESET pin. Figure 6. Start-up reset requirements Figure 7. Noise filtering on reset signal 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to125 °C, unless otherwise specified 2 All values need to be confirmed during device validation. 3 Stated maximum values represent peak consumption that lasts only a few ns during I/O transition. VIL VDD device reset forced by nRSTIN VDDMIN nRSTIN VIH device start-up phase VRSTIN VIL VIH VDD filtered by hysteresis filtered by lowpass filter WFRST WNFRST hw_rst ‘1’ ‘0’ filtered by lowpass filter WFRST unknown reset state device under hardware reset |