| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5604CEMLLR Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604CEMLLR Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 72 page ![]() MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4 Electrical characteristics Freescale Semiconductor 28 4.10 Low voltage domain power consumption Table 22 provides DC electrical characteristics for significant application modes. These values are indicative values; actual consumption depends on the application. Table 21. Low voltage monitor electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified Value2 2 All values need to be confirmed during device validation. Unit Min Typ Max VPORUP SR P Supply for functional POR module TA = 25 °C, after trimming 1.0 — 5.5 V VPORH CC P Power-on reset threshold 1.5 — 2.6 VLVDHV3H CC T LVDHV3 low voltage detector high threshold — — 2.95 VLVDHV3L CC P LVDHV3 low voltage detector low threshold 2.7 — 2.9 VLVDHV5H CC T LVDHV5 low voltage detector high threshold — — 4.5 VLVDHV5L CC P LVDHV5 low voltage detector low threshold 3.8 — 4.4 VLVDLVCORL CC P LVDLVCOR low voltage detector low threshold 1.07 — 1.11 VLVDLVBKPL CC P LVDLVBKP low voltage detector low threshold 1.07 — 1.11 Table 22. Low voltage power domain electrical characteristics Symbol C Parameter Conditions1 Value Unit Min Typ Max IDDMAX 2 CC D RUN mode maximum average current — — 115 1403 mA IDDRUN 4 CC T RUN mode typical average current5 — — 60 80 mA P — — TBD TBD IDDHALT CC P HALT mode current6 — — 8 TBD mA IDDSTOP CC P STOP mode current7 Slow internal RC oscillator (128 kHz) running TA = 25 °C — 180 7008 µA D TA = 55 °C — 500 — D TA = 85 °C — 1 — mA D TA = 105 °C — 2 — P TA = 125 °C — 4.5 TBD(8) IDDSTDBY2 CC P STANDBY2 mode current 9 Slow internal RC oscillator (128 kHz) running TA = 25 °C — 30 100 µA D TA = 55 °C — TBD — D TA =85°C — — D TA = 105 °C — — P TA = 125 °C — TBD |