| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5604CEMLLR Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604CEMLLR Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 72 page ![]() MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4 Electrical characteristics Freescale Semiconductor 24 Table 19. Reset electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified Value2 2 All values need to be confirmed during device validation. Unit Min Typ Max VIH SR P Input High Level CMOS (Schmitt Trigger) — 0.65VDD — VDD+0.4 V VIL SR P Input low Level CMOS (Schmitt Trigger) — −0.4 — 0.35VDD V VHYS CC C Input hysteresis CMOS (Schmitt Trigger) — 0.1VDD — — V VOL CC P Output low level Push Pull, IOL = 2mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) — — 0.1VDD V Push Pull, IOL = 1mA, VDD = 5.0 V ± 10%, PAD3V5V = 1 3 3 This is a transient configuration during power-up, up to the end of reset PHASE2 (refer to RGM module section of the device reference manual). — — 0.1VDD Push Pull, IOL = 1mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) — — 0.5 Ttr CC D Output transition time output pin4 MEDIUM configuration 4 C L includes device and package capacitance (CPKG <5pF). CL = 25pF, VDD = 5.0 V ± 10%, PAD3V5V = 0 — — 10 ns CL = 50pF, VDD = 5.0 V ± 10%, PAD3V5V = 0 — — 20 CL = 100pF, VDD = 5.0 V ± 10%, PAD3V5V = 0 — — 40 CL = 25pF, VDD = 3.3 V ± 10%, PAD3V5V = 1 — — 12 CL = 50pF, VDD = 3.3 V ± 10%, PAD3V5V = 1 — — 25 CL = 100pF, VDD = 3.3 V ± 10%, PAD3V5V = 1 — — 40 WFRST SR P nRSTIN input filtered pulse — — — 40 ns WNFRST SR P nRSTIN input not filtered pulse — 1000 — — ns |IWPU| CC P Weak pull-up current absolute value VDD = 3.3 V ± 10%, PAD3V5V = 1 10 — 150 µA VDD = 5.0 V ± 10%, PAD3V5V = 0 10 — 150 VDD = 5.0 V ± 10%, PAD3V5V = 1 5 5 The configuration PAD3V5 = 1 when V DD = 5 V is only transient configuration during power-up. All pads but RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state. 10 — 250 |