| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5604CEMLLR Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604CEMLLR Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 72 page ![]() MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4 Electrical characteristics Freescale Semiconductor 36 Table 32. Fast external crystal oscillator (4 to 16 MHz) electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified Value2 2 All values need to be confirmed during device validation. Unit Min Typ Max fFXOSC SR — Fast external crystal oscillator frequency — 4.0 — 16.0 MHz gmFXOSC CC C Fast external crystal oscillator transconductance VDD = 3.3 V ± 10%, PAD3V5V = 1 OSCILLATOR_MARGIN = 0 2.2 — 8.2 mA/V CC P VDD = 5.0 V ± 10%, PAD3V5V = 0 OSCILLATOR_MARGIN = 0 2.0 — 7.4 CC C VDD = 3.3 V ± 10%, PAD3V5V = 1 OSCILLATOR_MARGIN = 1 2.7 — 9.7 CC C VDD = 5.0 V ± 10%, PAD3V5V = 0 OSCILLATOR_MARGIN = 1 2.5 — 9.2 VFXOSC CC T Oscillation amplitude at EXTAL fOSC = 4 MHz, OSCILLATOR_MARGIN = 0 1.3 — — V fOSC = 16 MHz, OSCILLATOR_MARGIN = 1 1.3 — — VFXOSCOP CC P Oscillation operating point — — 0.95 V IFXOSC ,3 3 Stated values take into account only analog module consumption but not the digital contributor (clock tree and enabled peripherals) CC T Fast external crystal oscillator consumption — — 2 3 mA TFXOSCSU CC T Fast external crystal oscillator start-up time fOSC = 4 MHz, OSCILLATOR_MARGIN = 0 — — 6 ms fOSC = 16 MHz, OSCILLATOR_MARGIN = 1 — — 1.8 VIH SR P Input high level CMOS (Schmitt Trigger) Oscillator bypass mode 0.65VDD — VDD+0.4 V VIL SR P Input low level CMOS (Schmitt Trigger) Oscillator bypass mode −0.4 — 0.35VDD V |