Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515847 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

No. de pieza SC515847
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515847 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button SC515847 Datasheet HTML 30Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 31Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 32Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 33Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 34Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 35Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 36Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 37Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
34
Freescale Semiconductor
$001F - $001F
INT map 2 of 2 (HCS12 Interrupt)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$001F
HPRIO
Read:
PSEL7
PSEL6
PSEL5
PSEL4
PSEL3
PSEL2
PSEL1
0
Write:
$0020 - $0027
Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0020 -
$0027
Reserved
Read:
00000000
Write:
$0028 - $002F
BKP (HCS12 Breakpoint)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0028
BKPCT0
Read:
BKEN
BKFULL
BKBDM
BKTAG
0000
Write:
$0029
BKPCT1
Read:
BK0MBH BK0MBL BK1MBH BK1MBL BK0RWE
BK0RW
BK1RWE
BK1RW
Write:
$002A
BKP0X
Read:
0
0
BK0V5
BK0V4
BK0V3
BK0V2
BK0V1
BK0V0
Write:
$002B
BKP0H
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
$002C
BKP0L
Read:
Bit 7
654321
Bit 0
Write:
$002D
BKP1X
Read:
0
0
BK1V5
BK1V4
BK1V3
BK1V2
BK1V1
BK1V0
Write:
$002E
BKP1H
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
$002F
BKP1L
Read:
Bit 7
654321
Bit 0
Write:
$0030 - $0031
MMC map 4 of 4 (HCS12 Module Mapping Control)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0030
PPAGE
Read:
0
0
PIX5
PIX4
PIX3
PIX2
PIX1
PIX0
Write:
$0031
Reserved
Read:
00000000
Write:
$0032 - $0033
MEBI map 3 of 3 (HCS12 Multiplexed External Bus Interface)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0032
PORTK
Read:
Bit 7
654321
Bit 0
Write:
$0033
DDRK
Read:
Bit 7
654321
Bit 0
Write:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com