Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515847 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

No. de pieza SC515847
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515847 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  SC515847 Datasheet HTML 1Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 2Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 3Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 4Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 5Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 6Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 7Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 8Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
2
Freescale Semiconductor
Revision History
Version
Number
Revision
Date
Effective
Date
Author
Description of Changes
V01.00
18 Jun
2001
18 June
2001
Initial version (parent doc v2.03 dug for dp256).
V01.01
23 July
2001
23 July
2001
Updated version after review
V01.02
23 Sep
2001
23 Sep
2001
Changed Partname, added pierce mode, updated electrical
characteristics
some minor corrections
V01.03
12 Oct
2001
12 Oct
2001
Replaced Star12 by HCS12
V01.04
27 Feb
2002
27 Feb
2002
Updated electrical spec after MC-Qualification (IOL/IOH), Data for
Pierce, NVM reliability
New document numbering. Corrected Typos
V01.05
4 Mar
2002
4 Mar
2002
Increased VDD to 2.35V, removed min. oscillator startup
Removed Document order number except from Cover Sheet
V01.06
8 July
2002
22 July
2002
Added:
Pull-up columns to signal table,
example for PLL Filter calculation,
Thermal values for junction to board and package,
BGND pin pull-up
Part Order Information
Global Register Table
Chip Configuration Summary
Modified:
Reduced Wait and Run IDD values
Mode of Operation chapter
changed leakage current for ADC inputs down to +-1uA
Corrected:
Interrupt vector table enable register inconsistencies
PCB layout for 80QFP VREGEN position
V02.00
11 Jan
2002
11 Jan
2002
NEW MASKSET
Changed part number from DTB128 to DT128
Functional Changes:
ROMCTL changes in Emulation Mode
80 Pin Byteflight package Option available
Flash with 2 Bit Backdoor Key Enable
Additional CAN0 routing to PJ7,6
Improved BDM with sync and acknowledge capabilities
New Part ID number
Improvements:
Significantly improved NVM reliability data
Corrections:
Interrupt vector Table
V02.01
01 Feb
2002
01 Feb
2002
Updated Block User Guide versions in preface
Updated Appendix A Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com