Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515847 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

No. de pieza SC515847
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515847 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button SC515847 Datasheet HTML 42Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 43Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 44Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 45Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 46Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 47Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 48Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 49Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
46
Freescale Semiconductor
$0130
ATD1DR0H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0131
ATD1DR0L
Read:
Bit7
Bit6
000000
Write:
$0132
ATD1DR1H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0133
ATD1DR1L
Read:
Bit7
Bit6
000000
Write:
$0134
ATD1DR2H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0135
ATD1DR2L
Read:
Bit7
Bit6
000000
Write:
$0136
ATD1DR3H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0137
ATD1DR3L
Read:
Bit7
Bit6
000000
Write:
$0138
ATD1DR4H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0139
ATD1DR4L
Read:
Bit7
Bit6
000000
Write:
$013A
ATD1DR5H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$013B
ATD1DR5L
Read:
Bit7
Bit6
000000
Write:
$013C
ATD1DR6H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$013D
ATD1DR6L
Read:
Bit7
Bit6
000000
Write:
$013E
ATD1DR7H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$013F
ATD1DR7L
Read:
Bit7
Bit6
000000
Write:
$0140 - $017F
CAN0 (Motorola Scalable CAN - MSCAN)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0140
CAN0CTL0
Read:
RXFRM
RXACT
CSWAI
SYNCH
TIME
WUPE
SLPRQ
INITRQ
Write:
$0141
CAN0CTL1
Read:
CANE
CLKSRC
LOOPB
LISTEN
0
WUPM
SLPAK
INITAK
Write:
$0142
CAN0BTR0
Read:
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
Write:
$0143
CAN0BTR1
Read:
SAMP
TSEG22
TSEG21
TSEG20
TSEG13
TSEG12
TSEG11
TSEG10
Write:
$0144
CAN0RFLG
Read:
WUPIF
CSCIF
RSTAT1
RSTAT0
TSTAT1
TSTAT0
OVRIF
RXF
Write:
$0145
CAN0RIER
Read:
WUPIE
CSCIE
RSTATE1 RSTATE0 TSTATE1 TSTATE0
OVRIE
RXFIE
Write:
$0120 - $013F
ATD1 (Analog to Digital Converter 10 Bit 8 Channel)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com