Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515847 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza SC515847
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515847 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  SC515847 Datasheet HTML 1Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 2Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 3Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 4Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 5Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 6Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 7Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 8Page - Freescale Semiconductor, Inc SC515847 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
4
Freescale Semiconductor
V02.07
29 Jan
2003
29 Jan
2003
Added 3L40K mask set in section 1.6
Corrected register entries in section 1.5.1 “Detailed Memory Map”
Updated description for ROMCTL in section 2.3.31
Updated section 4.3.3 “Unsecuring the Microcontroller”
Corrected and updated device-specific information for OSC
(section 8.1) & Byteflight (section 15.1)
Updated footnote in Table A-4 “Operating Conditions”
Changed reference of VDDM to VDDR in section A.1.8
Removed footnote on input leakage current in Table A-6 “5V I/O
Characteristics”
V02.08
26 Feb
2003
26 Feb
2003
Added part numbers MC9S12DT128E, MC9S12DG128E, and
MC9S12DJ128E in “Preface” and related part number references
Removed mask sets 0L40K and 2L40K from Table 1-3
V02.09
15 Oct
2003
15 Oct
2003
Replaced references to HCS12 Core Guide by the individual
HCS12 Block guides in Table 0-2, section 1.5.1, and section 6;
updated Fig.3-1 “Clock Connections” to show the individual HCS12
blocks
Corrected PIM module name and document order number in Table
0-2 “Document References”
Corrected ECT pulse accumulators description in section 1.2
“Features”
Corrected KWP5 pin name in Fig 2-1 112LQFP pin assignments
Corrected pull resistor CTRL/reset states for PE7 and PE4-PE0 in
Table 2.1 “Signal Properties”
Mentioned “S12LRAE” bootloader in Flash section 17
Corrected footnote on clamp of TEST pin under Table A-1
“Absolute Maximum Ratings”
Corrected minimum bus frequency to 0.25MHz in Table A-4
“Operating Conditions”
Replaced “burst programming” by “row programming” in A.3 “NVM,
Flash and EEPROM”
Corrected blank check time for EEPROM in Table A-11 “NVM
Timing Characteristics”
Corrected operating frequency in Table A-18 “SPI Master/Slave
Mode Timing Characteristics
V02.10
6 Feb
2004
6 Feb
2004
Added A128 information in “Derivative Differences”, 2.1 “Device
Pinout”, 2.2 “Signal Properties Summary”, Fig 23-2 & Fig 23-4
Added lead-free package option (PVE) in Table 0-2 “Derivative
Differences for MC9S12DB128” and Fig 0-1 “Order Partnumber
Example”
Added an “AEC qualified” row in the “Derivative Differences” tables
0-1 & 0-2.
V02.11
3 May
2004
3 May
2004
Added part numbers SC515846, SC515847, SC515848, and
SC515849 in “Derivative Differences” tables 0-1 & 0-2, section 2,
and section 23.
Corrected and added maskset 4L40K in tables 0-1 & 0-2 and
section 1.6.
Corrected BDLC module availability in DB128 80QFP part in
“Derivative Differences” table 0-2.
Version
Number
Revision
Date
Effective
Date
Author
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com