Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6224 Datasheet(PDF) 13 Page - Torex Semiconductor

No. de pieza XC6224
Descripción Electrónicos  150mA High Speed LDO Voltage Regulator with ON/OFF Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6224 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6224 Datasheet HTML 9Page - Torex Semiconductor XC6224 Datasheet HTML 10Page - Torex Semiconductor XC6224 Datasheet HTML 11Page - Torex Semiconductor XC6224 Datasheet HTML 12Page - Torex Semiconductor XC6224 Datasheet HTML 13Page - Torex Semiconductor XC6224 Datasheet HTML 14Page - Torex Semiconductor XC6224 Datasheet HTML 15Page - Torex Semiconductor XC6224 Datasheet HTML 16Page - Torex Semiconductor XC6224 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
XC6224
Series
(6) Rising Response Time
XC6224x121
-4
-3
-2
-1
0
1
2
3
4
Time [10μs/div]
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
IOUT=1mA
IOUT=30mA
IOUT=100mA
tr=5μs, Ta=25℃, CIN=CL=0.47μF
Input Voltage
Output Voltage
XC6224x181
-4
-3
-2
-1
0
1
2
3
4
Time [10us/div]
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
IOUT=1mA
IOUT=30mA
IOUT=100mA
tr=5μs, Ta=25℃, CIN=CL=0.47μF
Input Voltage
Output Voltage
XC6224x251
-4
-3
-2
-1
0
1
2
3
4
Time [10us/div]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT=1mA
IOUT=30mA
IOUT=100mA
tr=5μs, Ta=25℃, CIN=CL=0.47μF
Input Voltage
Output Voltage
(7) Input Transient Response
XC6224x121
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Time [10μs/div]
1.14
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
VIN = 1.7V ⇔ 2.7V, tr=tf=5μs,
IOUT=30mA, Ta=25℃, CIN=CL=0.47μF
Input Voltage
Output Voltage
XC6224x181
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Time [10us/div]
1.74
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
VIN = 2.30V ⇔ 3.30V, tr=tf=5μs,
IOUT=30mA, Ta=25℃, CIN=CL=0.47μF
Input Voltage
Output Voltage
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com