Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6224 Datasheet(PDF) 3 Page - Torex Semiconductor

No. de pieza XC6224
Descripción Electrónicos  150mA High Speed LDO Voltage Regulator with ON/OFF Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6224 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6224 Datasheet HTML 1Page - Torex Semiconductor XC6224 Datasheet HTML 2Page - Torex Semiconductor XC6224 Datasheet HTML 3Page - Torex Semiconductor XC6224 Datasheet HTML 4Page - Torex Semiconductor XC6224 Datasheet HTML 5Page - Torex Semiconductor XC6224 Datasheet HTML 6Page - Torex Semiconductor XC6224 Datasheet HTML 7Page - Torex Semiconductor XC6224 Datasheet HTML 8Page - Torex Semiconductor XC6224 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
XC6224
Series
ON/OFF
Control
+
-
Error
Amp
Voltage
Reference
each
circuit
R1
R2
CE
Rdischg
CFB
VIN
CE
VSS
VOUT
+
-
Error
Amp
Voltage
Reference
R1
R2
Rdischg
CFB
VIN
VSS
VOUT
ON/OFF
Control
CE
CurrentLimit
each
circuit
CE
CurrentLimit
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~+4.6
V
Output Current
IOUT
180
(*1)
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3~4.6
V
100
USPN-4B02
550 (PCB mounted)
(*2)
150
SSOT24
500 (PCB mounted)
(*2)
250
Power Dissipation
SOT-25
Pd
600 (PCB mounted)
(*2)
mW
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
■BLOCK DIAGRAMS
■ABSOLUTE MAXIMUM RATINGS
(1) XC6224Axxxxx
(2) XC6224Bxxxxx
*1: Please use within the range of IOUT≦Pd/(VIN-VOUT
*2: This is a reference data taken by using the test board. Please refer to page 20∼22 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com