Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6224 Datasheet(PDF) 2 Page - Torex Semiconductor

No. de pieza XC6224
Descripción Electrónicos  150mA High Speed LDO Voltage Regulator with ON/OFF Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6224 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6224 Datasheet HTML 1Page - Torex Semiconductor XC6224 Datasheet HTML 2Page - Torex Semiconductor XC6224 Datasheet HTML 3Page - Torex Semiconductor XC6224 Datasheet HTML 4Page - Torex Semiconductor XC6224 Datasheet HTML 5Page - Torex Semiconductor XC6224 Datasheet HTML 6Page - Torex Semiconductor XC6224 Datasheet HTML 7Page - Torex Semiconductor XC6224 Datasheet HTML 8Page - Torex Semiconductor XC6224 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/26
XC6224 Series
SSOT-24
(TOP VIEW)
SOT-25
(TOP VIEW)
1
3
2
5
4
VIN
VOUT
VSS
CE
N.C.
VIN
VOUT
VSS
1
2
3
4
CE
USPN-4B02
(BOTTOM VIEW)
2
3
1
4
VIN
VOUT
VSS
CE
PIN NUMBER
USPN-4B02
SSOT-24
SOT-25
PIN NAME
FUNCTIONS
4
4
1
VIN
Power Input
1
3
5
VOUT
Output
2
2
2
VSS
Ground
3
1
3
CE
ON/OFF Control
-
-
4
NC
No Connection
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
A
(The Recommended Type)
Without CE pull-down
Type of Regulator
B
With CE pull-down
②③
Output Voltage
08~30
ex.) 2.5V → ②=2, ③=5
1
{x.x0V} (the 2
nd decimal place is “0”)
Output Voltage
(The 2
nd Decimal Place)
B
{x.x5V} (the 2
nd decimal place is “5”)
7R-G
USPN-4B02 (5,000/Reel)
MR-G
SOT-25 (3,000/Reel)
⑤⑥-⑦
Packages (Order Unit)
NR-G
SSOT-24 (3,000/Reel)
■PIN CONFIGURATION
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Ordering Information
XC6224①②③④⑤⑥-⑦
(*1)
CE Active High, with CL Discharge, ±1% Accuracy
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com