Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 325 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 325 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 321Page - Microsemi Corporation AFS600 Datasheet HTML 322Page - Microsemi Corporation AFS600 Datasheet HTML 323Page - Microsemi Corporation AFS600 Datasheet HTML 324Page - Microsemi Corporation AFS600 Datasheet HTML 325Page - Microsemi Corporation AFS600 Datasheet HTML 326Page - Microsemi Corporation AFS600 Datasheet HTML 327Page - Microsemi Corporation AFS600 Datasheet HTML 328Page - Microsemi Corporation AFS600 Datasheet HTML 329Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
5 -9
Advance 1.0
(continued)
This sentence was deleted from the "Slew Rate Control and Drive Strength" section:
The Standard hot-swap I/Os do not support slew rate control. In addition, these
references were changed:
• From: Fusion hot-swap I/O (Table 2-69 on page 2-122) To: Fusion Standard I/O
• From: Fusion LVDS I/O (Table 2-70 on page 2-122) To: Fusion Advanced I/O
2-152
The "Cold-Sparing Support" section was significantly updated.
2-143
In the title of Table 2-75 • Fusion Standard I/O Standards—OUT_DRIVE Settings,
Hot-Swap was changed to Standard.
2-153
In the title of Table 2-76 • Fusion Advanced I/O Standards—SLEW and OUT_DRIVE
Settings, LVDS was changed to Advanced.
2-153
In the title of Table 2-81 • Fusion Standard and Advanced I/O Attributes vs. I/O
Standard Applications, LVDS was changed to Advanced.
2-157
In Figure 2-111 • Naming Conventions of Fusion Devices with Three Digital I/O
Banks and Figure 2-112 • Naming Conventions of Fusion Devices with Four I/O
Banks the following names were changed:
Hot-Swap changed to Standard
LVDS changed to Advanced
2-160
The Figure 2-113 • Timing Model was updated.
2-161
In the notes for Table 2-86 • Summary of Maximum and Minimum DC Input Levels
Applicable to Commercial and Industrial Conditions, TJ was changed to TA.
2-166
This change table states that in the "208-Pin PQFP" table listed under the Advance
v0.8 changes, the AFS090 device had a pin change. That is incorrect. Pin 102 was
updated for AFS250 and AFS600. The function name changed from VCC33ACAP to
VCC33A.
3-8
Advance v0.9
(October 2007)
In
the
"Package
I/Os:
Single-/Double-Ended
(Analog)"
table,
the
AFS1500/M7AFS1500 I/O counts were updated for the following devices:
FG484: 223/109
FG676: 252/126
II
In the "108-Pin QFN" table, the function changed from VCC33ACAP to VCC33A for the
following pin:
B25
3-2
In the "180-Pin QFN" table, the function changed from VCC33ACAP to VCC33A for the
following pins:
AFS090: B29
AFS250: B29
3-4
In the "208-Pin PQFP" table, the function changed from VCC33ACAP to VCC33A for the
following pins:
AFS090: 102
AFS250: 102
3-8
In the "256-Pin FBGA" table, the function changed from VCC33ACAP to VCC33A for the
following pins:
AFS090: T14
AFS250: T14
AFS600: T14
AFS1500: T14
3-12
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com