Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD7680ARMZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD7680ARMZ
Descripción Electrónicos  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7680ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7680ARMZ Datasheet HTML 4Page - Analog Devices AD7680ARMZ Datasheet HTML 5Page - Analog Devices AD7680ARMZ Datasheet HTML 6Page - Analog Devices AD7680ARMZ Datasheet HTML 7Page - Analog Devices AD7680ARMZ Datasheet HTML 8Page - Analog Devices AD7680ARMZ Datasheet HTML 9Page - Analog Devices AD7680ARMZ Datasheet HTML 10Page - Analog Devices AD7680ARMZ Datasheet HTML 11Page - Analog Devices AD7680ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7680
Rev. A | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
CS
SDATA
SCLK
6
5
4
VDD 1
GND
2
VIN 3
AD7680
TOP VIEW
(Not to Scale)
SOT-23
Figure 3. SOT-23 Pin Configuration
NC = NO CONNECT
AD7680
MSOP
TOP VIEW
(Not to Scale)
VDD 1
GND
2
GND
3
VIN 4
CS
SDATA
NC
SCLK
8
7
6
5
Figure 4. MSOP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
SOT-23
Pin No.
MSOP
Mnemonic
Function
1
1
VDD
Power Supply Input. The VDD range for the AD7680 is from 2.5 V to 5.5 V.
2
2, 3
GND
Analog Ground. Ground reference point for all circuitry on the AD7680. All analog input signals should
be referred to this GND voltage.
3
4
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to VDD.
4
5
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from this part. This clock
input is also used as the clock source for the AD7680's conversion process.
5
7
SDATA
Data Out. Logic output. The conversion result from the AD7680 is provided on this output as a serial
data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from the
AD7680 consists of four leading zeros followed by 16 bits of conversion data that are provided MSB
first. This will be followed by four trailing zeroes if CS is held low for a total of 24 SCLK cycles. See the
section.
Serial Interface
6
8
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on
the AD7680 and framing the serial data transfer.
N/A
6
NC
No Connect. This pin should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com