Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD7680ARMZ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7680ARMZ
Descripción Electrónicos  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7680ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7680ARMZ Datasheet HTML 7Page - Analog Devices AD7680ARMZ Datasheet HTML 8Page - Analog Devices AD7680ARMZ Datasheet HTML 9Page - Analog Devices AD7680ARMZ Datasheet HTML 10Page - Analog Devices AD7680ARMZ Datasheet HTML 11Page - Analog Devices AD7680ARMZ Datasheet HTML 12Page - Analog Devices AD7680ARMZ Datasheet HTML 13Page - Analog Devices AD7680ARMZ Datasheet HTML 14Page - Analog Devices AD7680ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7680
Rev. A | Page 11 of 24
–1.0
0
10000
20000
30000
40000
50000
60000
CODE
70000
1.0
1.5
–0.5
0.5
0
2.0
2.5
VDD = 3.0V
TEMP = 25
°C
Figure 9. AD7680 Typical INL
–1.0
–1.5
0
10000
20000
30000
40000
50000
60000
CODE
70000
1.0
–0.5
0.5
0
1.5
VDD = 3.0V
TEMP = 25
°C
Figure 10. AD7680 Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com