Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD7680ARMZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7680ARMZ
Descripción Electrónicos  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7680ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7680ARMZ Datasheet HTML 6Page - Analog Devices AD7680ARMZ Datasheet HTML 7Page - Analog Devices AD7680ARMZ Datasheet HTML 8Page - Analog Devices AD7680ARMZ Datasheet HTML 9Page - Analog Devices AD7680ARMZ Datasheet HTML 10Page - Analog Devices AD7680ARMZ Datasheet HTML 11Page - Analog Devices AD7680ARMZ Datasheet HTML 12Page - Analog Devices AD7680ARMZ Datasheet HTML 13Page - Analog Devices AD7680ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7680
Rev. A | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5 shows a typical FFT plot for the AD7680 at 100 kSPS
sample rate and 10 kHz input frequency. Figure 6 shows the
signal-to-(noise + distortion) ratio performance versus the
input frequency for various supply voltages while sampling at
100 kSPS with an SCLK of 2.5 MHz.
Figure 7 shows a graph of the total harmonic distortion versus
the analog input frequency for various supply voltages, while
Figure 8 shows a graph of the total harmonic distortion versus
the analog input frequency for various source impedances (see
the Analog Input section). Figure 9 and Figure 10 show the
typical INL and DNL plots for the AD7680.
–140
–120
–100
–80
–60
–40
–20
–160
0
10k
20k
30k
40k
FREQUENCY (kHz)
50k
0
VDD = 5V
FSAMPLE = 100kSPS
FIN = 10kHz
SNR = 88.28dB
SINAD = 87.82dB
THD = –97.76dB
SFDR = –98.25dB
Figure 5. AD7680 Dynamic Performance at 100 kSPS
80
10
INPUT FREQUENCY (kHz)
100
85
90
95
VDD = 2.5V
VDD = 5.25V
VDD = 4.75V
VDD = 4.3V
VDD = 3.6V
VDD = 3.0V
VDD = 2.7V
FSAMPLE = 100kSPS
TA = 25°C
Figure 6. AD7680 SINAD vs. Analog Input Frequency
for Various Supply Voltages at 100 kSPS
90
10
INPUT FREQUENCY (kHz)
100
100
95
105
110
VDD = 4.75V
VDD = 4.3V
VDD = 3.6V
VDD = 3.0V
VDD = 2.7V
VDD = 2.5V
VDD = 5.25V
FSAMPLE = 100kSPS
TA = 25°C
Figure 7. AD7680 THD vs. Analog Input Frequency
for Various Supply Voltages at 100 kSPS
75
10
INPUT FREQUENCY (kHz)
100
95
100
80
90
85
105
110
FSAMPLE = 100kSPS
TA = 25°C
VDD = 4.75V
RIN = 10Ω
RIN = 50Ω
RIN = 100Ω
RIN = 1000Ω
Figure 8. AD7680 THD vs. Analog Input Frequency
for Various Source Impedances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com