Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SD2931-11 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza SD2931-11
Descripción Electrónicos  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-11 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SD2931-11 Datasheet HTML 5Page - STMicroelectronics SD2931-11 Datasheet HTML 6Page - STMicroelectronics SD2931-11 Datasheet HTML 7Page - STMicroelectronics SD2931-11 Datasheet HTML 8Page - STMicroelectronics SD2931-11 Datasheet HTML 9Page - STMicroelectronics SD2931-11 Datasheet HTML 10Page - STMicroelectronics SD2931-11 Datasheet HTML 11Page - STMicroelectronics SD2931-11 Datasheet HTML 12Page - STMicroelectronics SD2931-11 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SD2931-11
Typical performance 175 MHz
Doc ID 17329 Rev 1
9/18
5
Typical performance 175 MHz
Figure 8.
Output power vs input power
Figure 9.
Output power vs input power at
different temperatures
Figure 10.
Power gain vs output power
Figure 11.
Efficiency vs output power
0
5
10
15
20
25
Pin, INPUT POWER (W)
0
30
60
90
120
150
180
210
240
270
f= 175MHz
Idq= 250mA
Vdd= 40V
Vdd= 50V
0
5
10
15
20
25
Pin, INPUT POWER(W)
0
30
60
90
120
150
180
210
240
270
Vdd= 50V
Idq= 250mA
f= 175MHz
Tc =-20 °C
Tc =+25 °C
Tc =+80 °C
0
50
100
150
200
250
Pout, OUTPUT POWER (W)
6
8
10
12
14
16
18
Vdd=50V
Idq=250mA
f=175Mhz
0
50
100
150
200
250
Pout, OUTPUT POWER (W)
20
30
40
50
60
70
80
Vdd=50V
Idq=250mA
f=175Mhz
Figure 12.
Output power vs supply voltage
Figure 13.
Drain current vs gate-source
voltage
24
28
32
36
40
44
48
52
Vdd,DRAIN VOLTAGE(V)
0
30
60
90
120
150
180
210
240
270
Pin =2.5W
Pin =5W
Pin =10W
Idq= 250mA
f= 175MHz
2
2.5
3
3.5
4
4.5
5
5.5
6
VGS, GATE-SOURCE VOLTAGE (V)
0
5
10
15
20
Tc=-20 °C
Tc=+25 °C
Tc=+80 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com