Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SD2931-11 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza SD2931-11
Descripción Electrónicos  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-11 Datasheet(HTML) 3 Page - STMicroelectronics

  SD2931-11 Datasheet HTML 1Page - STMicroelectronics SD2931-11 Datasheet HTML 2Page - STMicroelectronics SD2931-11 Datasheet HTML 3Page - STMicroelectronics SD2931-11 Datasheet HTML 4Page - STMicroelectronics SD2931-11 Datasheet HTML 5Page - STMicroelectronics SD2931-11 Datasheet HTML 6Page - STMicroelectronics SD2931-11 Datasheet HTML 7Page - STMicroelectronics SD2931-11 Datasheet HTML 8Page - STMicroelectronics SD2931-11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SD2931-11
Electrical data
Doc ID 17329 Rev 1
3/18
1
Electrical data
1.1
Maximum ratings
1.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V(BR)DSS Drain source voltage
125
V
VDGR
Drain-gate voltage (RGS = 1MΩ)
125
V
VGS
Gate-source voltage
±20
V
ID
Drain current
20
A
PDISS
Power dissipation
389
W
Tj
Max. operating junction temperature
200
°C
TSTG
Storage temperature
-65 to +150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction -case thermal resistance
0.45
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com