Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SD2931-11 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza SD2931-11
Descripción Electrónicos  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-11 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SD2931-11 Datasheet HTML 6Page - STMicroelectronics SD2931-11 Datasheet HTML 7Page - STMicroelectronics SD2931-11 Datasheet HTML 8Page - STMicroelectronics SD2931-11 Datasheet HTML 9Page - STMicroelectronics SD2931-11 Datasheet HTML 10Page - STMicroelectronics SD2931-11 Datasheet HTML 11Page - STMicroelectronics SD2931-11 Datasheet HTML 12Page - STMicroelectronics SD2931-11 Datasheet HTML 13Page - STMicroelectronics SD2931-11 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Test circuit
SD2931-11
10/18
Doc ID 17329 Rev 1
6
Test circuit
Figure 14.
175 MHz test circuit schematic (production test circuit)
Note: All dimensions in inches
REF. 1021579C
Table 8.
Component part list
Component
Description
T1
4:1 transformer, 25 ohm flexible coax .090 OD 6” long
T2
1:4 transformer, 25 ohm semi-rigid coax .141 OD 6” long
FB1
Toroid X 2, 0.5” OD .312” ID 850
µ 2 turns
FB2, FB3
VK200
FB4
Shield bead, 1” OD 0.5” ID 850
µ 3 turns
L1
1/4 wave choke, 50 ohm semi-rigid coax .141 OD 12” Long
PCB
0.62” woven fiberglass, 1 oz. copper, 2 sides,
εr = 2.55
R1, R3
470 ohm 1 W chip resistor
R2
360 ohm 1/2 W resistor
R4
20 Kohm 10 turn potentiometer
R5
560 ohm 1 W resistor
C1, C11
470 pF ATC chip cap
C2
43 pF ATC chip cap
C3, C8, C9
Arco 404, 12-65 pF
C4
Arco 423, 16-100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com