Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT1013CN8 Datasheet(PDF) 8 Page - Linear Dimensions Semiconductor

No. de pieza LT1013CN8
Descripción Electrónicos  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Página de inicio  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1013CN8 Datasheet(HTML) 8 Page - Linear Dimensions Semiconductor

Back Button LT1013CN8 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 10Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 11Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 12Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT1013/LT1014

10134fd
Typical perForMance characTerisTics
INPUT BIAS CURRENT (nA)
0
5
4
3
2
1
0
–1
15
10
5
0
–5
–10
–15
–5
–10
–15
–20
–25
–30
TA = 25°C
VS = 5V, 0V
VS = ±15V
1013/14 TPC10
Input Bias Current
vs Common Mode Voltage
TEMPERATURE (°C)
–50
–30
–25
–20
–15
–10
–5
0
25
75
–25
0
50
100
125
VCM = 0V
VS = 5V, 0V
VS = ±15V
VS = ±2.5V
1013/14 TPC12
TEMPERATURE (°C)
–50
1.0
0.8
0.6
0.4
0.2
0
0
50
75
–25
25
100 125
VCM = 0V
VS = 5V, 0V
VS =
±2.5V
VS = ±15V
1013/14 TPC11
Input Bias Current
vs Temperature
Large-Signal Transient
Response, VS = ±15V
AV = +1
50µs/DIV
1013/14 TPC15
Large-Signal Transient
Response, VS = 5V, 0V
AV = +1
10µs/DIV
1013/14 TPC18
NO LOAD
INPUT = 0V TO 4V PULSE
4V
2V
0V
Small-Signal Transient
Response, VS = ±15V
AV = +1
2µs/DIV
1013/14 TPC14
Large-Signal Transient
Response, VS = 5V, 0V
AV = +1
10µs/DIV
1013/14 TPC17
RL = 4.7k TO 5V
INPUT = 0V TO 4V PULSE
4V
2V
0V
Output Saturation vs Sink
Current vs Temperature
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
10
1
0.1
0.01
V+ = 5V TO 30V
V= 0V
ISINK = 10mA
ISINK = 5mA
ISINK = 1mA
ISINK = 100µA
ISINK = 10µA
ISINK = 0
1013/14 TPC13
AV = +1
20µs/DIV
1013/14 TPC16
RL = 600Ω TO GROUND
INPUT = 0V TO 100mV PULSE
Small-Signal Transient
Response, VS = 5V, 0V
100mV
50mV
0
Input Offset Current
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com