Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT1013CN8 Datasheet(PDF) 1 Page - Linear Dimensions Semiconductor

No. de pieza LT1013CN8
Descripción Electrónicos  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Página de inicio  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1013CN8 Datasheet(HTML) 1 Page - Linear Dimensions Semiconductor

  LT1013CN8 Datasheet HTML 1Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 2Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 3Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT1013/LT1014

10134fd
Typical applicaTion
DescripTion
Quad Precision Op Amp (LT1014)
Dual Precision Op Amp (LT1013)
TheLT®1014isthefirstprecisionquadoperationalamplifier
which directly upgrades designs in the industry standard
14-pin DIP LM324/LM348/OP-11/4156 pinconfiguration.
It is no longer necessary to compromise specifications,
while saving board space and cost, as compared to single
operational amplifiers.
The LT1014’s low offset voltage of 50µV, drift of 0.3µV/°C,
offset current of 0.15nA, gain of 8 million, common mode
rejection of 117dB and power supply rejection of 120dB
qualify it as four truly precision operational amplifiers.
Particularly important is the low offset voltage, since no
offsetnullterminalsareprovidedinthequadconfiguration.
Although supply current is only 350µA per amplifier, a new
output stage design sources and sinks in excess of 20mA
of load current, while retaining high voltage gain.
Similarly,theLT1013isthefirstprecisiondualopampinthe
8-pin industry standard configuration, upgrading the per-
formanceofsuchpopulardevicesastheMC1458/MC1558,
LM158andOP-221.TheLT1013’sspecificationsaresimilar
to (even somewhat better than) the LT1014’s.
Both the LT1013 and LT1014 can be operated off a single
5V power supply: input common mode range includes
ground; the output can also swing to within a few millivolts
of ground. Crossover distortion, so apparent on previous
single-supply designs, is eliminated. A full set of specifica-
tions is provided with ±15V and single 5V supplies.
FeaTures
applicaTions
n
Single Supply Operation
Input Voltage Range Extends to Ground
Output Swings to Ground While Sinking Current
n
Pin Compatible to 1458 and 324 with Precision Specs
n
Guaranteed Offset Voltage: 150µV Max
n
Guaranteed Low Drift: 2µV/°C Max
n
Guaranteed Offset Current: 0.8nA Max
n
Guaranteed High Gain
5mA Load Current: 1.5 Million Min
17mA Load Current: 0.8 Million Min
n
Guaranteed Low Supply Current: 500µA Max
n
Low Voltage Noise, 0.1Hz to 10Hz: 0.55µVP-P
n
Low Current Noise—Better than 0P-07, 0.07pA/√Hz
n
Battery-Powered Precision Instrumentation
Strain Gauge Signal Conditioners
Thermocouple Amplifiers
Instrumentation Amplifiers
n
4mA to 20mA Current Loop Transmitters
n
Multiple Limit Threshold Detection
n
Active Filters
n
Multiple Gain Blocks
LT1014
1
4
11
2
3
5V
5V
1M
4k
OUTPUT A
10mV/°C
LT1014
7
6
5
1M
OUTPUT B
10mV/°C
4k
1.8k
YSI 44007
5k
AT 25°C
260
1684
299k
3k
LT1004
1.2V
14
12
13
+
LT1014
USE TYPE K THERMOCOUPLES. ALL RESISTORS = 1% FILM.
COLD JUNCTION COMPENSATION ACCURATE
TO ±1°C FROM 0°C TO 60°C.
USE 4TH AMPLIFIER FOR OUTPUT C.
LT1014 Distribution of Offset Voltage
3-Channel Thermocouple Thermometer
INPUT OFFSET VOLTAGE (µV)
–300
0
200
–200
–100
100
300
700
600
500
400
300
200
100
0
VS = ±15V
TA = 25°C
425 LT1014s
(1700 OP AMPS)
TESTED FROM
THREE RUNS
J PACKAGE
1013/14 TA02
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Número de pieza similar - LT1013CN8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT1013CN8 LINER-LT1013CN8 Datasheet
545Kb / 20P
Quad Precision Op Amp
LT1013CN8 LINER-LT1013CN8 Datasheet
291Kb / 24P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Integrated Syste...
LT1013CN8 LINEAR-LT1013CN8 Datasheet
465Kb / 26P
Single Supply Operation Input Voltage Range Extends to Ground
LT1013CN8 LINEAR-LT1013CN8 Datasheet
465Kb / 26P
Single Supply Operation Input Voltage Range Extends to Ground
More results

Descripción similar - LT1013CN8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
Quad Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
Single Supply, Dual Precision Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
Dual, Precision JFET Input Op Amp
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Analog Devices
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
Precision, High Speed, BiFET Quad Op Amp
Rev. F
logo
Linear Technology
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
Single Supply, Dual Precision Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
Dual, Precision JFET Input Op Amp
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
Dual Precision Op Amp
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
Quad Precision Op Amp
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
RAD HARD DUAL PRECISION OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com