Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT1013CN8 Datasheet(PDF) 4 Page - Linear Dimensions Semiconductor

No. de pieza LT1013CN8
Descripción Electrónicos  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Página de inicio  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1013CN8 Datasheet(HTML) 4 Page - Linear Dimensions Semiconductor

  LT1013CN8 Datasheet HTML 1Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 2Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 3Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT1013/LT1014

10134fd
elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
LT1013AM/AC
LT1014AM/AC
LT1013C/D/I/M
LT1014C/D/I/M
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT1013
LT1014
LT1013D/I, LT1014D/I
40
50
150
180
60
60
200
300
300
800
µV
µV
µV
Long-Term Input Offset Voltage
Stability
0.4
0.5
µV/Mo.
ISO
Input Offset Current
0.15
0.8
0.2
1.5
nA
IB
Input Bias Current
12
20
15
30
nA
en
Input Noise Voltage
0.1Hz to 10Hz
0.55
0.55
µVP-P
en
Input Noise Voltage Density
fO = 10Hz
fO = 1000Hz
24
22
24
22
nV/√Hz
nV/√Hz
in
Input Noise Current Density
fO = 10Hz
0.07
0.07
pA/√Hz
Input Resistance – Differential
Common Mode
(Note 2)
100
400
5
70
300
4
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
VO = ±10V, RL = 600Ω
1.5
0.8
8.0
2.5
1.2
0.5
7.0
2.0
V/µV
V/µV
Input Voltage Range
13.5
–15.0
13.8
–15.3
13.5
–15.0
13.8
–15.3
V
V
CMRR
Common Mode Rejection Ratio
VCM = 13.5V, –15.0V
100
117
97
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
103
120
100
117
dB
Channel Separation
VO = ±10V, RL = 2k
123
140
120
137
dB
VOUT
Output Voltage Swing
RL = 2k
±13
±14
±12.5
±14
V
Slew Rate
0.2
0.4
0.2
0.4
V/µs
IS
Supply Current
Per Amplifier
0.35
0.50
0.35
0.55
mA
TA = 25°C. VS = ±15V, VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
LT1013AM/AC
LT1014AM/AC
LT1013C/D/I/M
LT1014C/D/I/M
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT1013
LT1014
LT1013D/I, LT1014D/I
60
70
250
280
90
90
250
450
450
950
µV
µV
µV
IOS
Input Offset Current
0.2
1.3
0.3
2.0
nA
IB
Input Bias Current
15
35
18
50
nA
AVOL
Large-Signal Voltage Gain
VO = 5mV to 4V, RL = 500Ω
1.0
1.0
V/µV
Input Voltage Range
3.5
3.8
– 0.3
3.5
0
3.8
– 0.3
V
V
VOUT
Output Voltage Swing
Output Low, No Load
Output Low, 600Ω to Ground
Output Low, ISINK = 1mA
Output High, No Load
Output High, 600Ω to
Ground
4.0
3.4
15
5
220
4.4
4.0
25
10
350
4.0
3.4
15
5
220
4.4
4.0
25
10
350
mV
mV
mV
V
V
IS
Supply Current
Per Amplifier
0.31
0.45
0.32
0.50
mA
TA = 25°C. VS+ = 5V, VS– = 0V, VOUT = 1.4V, VCM = 0V unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com