Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT1013CN8 Datasheet(PDF) 10 Page - Linear Dimensions Semiconductor

No. de pieza LT1013CN8
Descripción Electrónicos  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Página de inicio  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1013CN8 Datasheet(HTML) 10 Page - Linear Dimensions Semiconductor

Back Button LT1013CN8 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 10Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 11Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 12Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 13Page - Linear Dimensions Semiconductor LT1013CN8 Datasheet HTML 14Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT1013/LT1014
0
10134fd
b) When the input is more than 400mV below ground
(at 25°C), the input stage saturates (transistors Q3 and
Q4) and phase reversal occurs at the output. This can
cause lock-up in servo systems. Due to a unique phase
reversal protection circuitry (Q21, Q22, Q27, Q28), the
LT1013/LT1014’s outputs do not reverse, as illustrated
below, even when the inputs are at –1.5V.
Thereisonecircumstance,however,underwhichthephase
reversal protection circuitry does not function: when the
other op amp on the LT1013, or one specific amplifier of
the other three on the LT1014, is driven hard into negative
saturation at the output.
Phase reversal protection does not work on amplifier:
A when D’s output is in negative saturation. B’s and C’s
outputs have no effect.
B when C’s output is in negative saturation. A’s and D’s
outputs have no effect.
C when B’s output is in negative saturation. A’s and D’s
outputs have no effect.
applicaTions inForMaTion
D when A’s output is negative saturation. B’s and C’s
outputs have no effect.
At the output, the aforementioned single supply designs
either cannot swing to within 600mV of ground (OP-20)
orcannotsinkmorethanafewmicroampereswhileswing-
ing to ground (LM124, LM158). The LT1013/LT1014’s
all-NPNoutputstagemaintainsitslowoutputresistanceand
high gain characteristics until the output is saturated.
In dual supply operations, the output stage is crossover
distortion-free.
Comparator Applications
The single supply operation of the LT1013/LT1014 lends
itself to its use as a precision comparator with TTL com-
patible output:
In systems using both op amps and comparators, the
LT1013/LT1014 can perform multiple duties; for example,
on the LT1014, two of the devices can be used as op amps
and the other two as comparators.
4V
LT1013/LT1014
NO PHASE REVERSAL
2V
4V
0V
6VP-P INPUT, –1.5V TO 4.5V
4V
LM324, LM358, OP-20
EXHIBIT OUTPUT PHASE
REVERSAL
VS = 5V, 0V
4
2
0
–100
0
2
0
0
100
Voltage Follower with Input Exceeding the Negative Common Mode Range
Comparator Rise Response Time
10mV, 5mV, 2mV Overdrives
Comparator Fall Response Time
to 10mV, 5mV, 2mV Overdrives
2V
2V
0V
0V
4
50µs/DIV
VS = 5V, 0V
50µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com