Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEMSP Datasheet(PDF) 77 Page - Renesas Technology Corp

No. de pieza R5F107DEMSP
Descripción Electrónicos  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEMSP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R5F107DEMSP Datasheet HTML 73Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 74Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 75Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 76Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 77Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 78Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 79Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 80Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 107 page
background image
RL78/G1C
3.
ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105
°C)
Page 77 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
3.
ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105
°C)
This chapter describes the electrical specifications for the products "G: Industrial applications (TA = -40 to +105
°C)".
The target products G: Industrial applications ; TA = -40 to +105
°C
R5F10JBCGNA, R5F10JBCGFP, R5F10JGCGNA, R5F10JGCGFB,
R5F10KBCGNA, R5F10KBCGFP, R5F10KGCGNA, R5F10KGCGFB
Cautions 1. The RL78 microcontrollers has an on-chip debug function, which is provided for development
and evaluation. Do not use the on-chip debug function in products designated for mass
production, because the guaranteed number of rewritable times of the flash memory may be
exceeded when this function is used, and product reliability therefore cannot be guaranteed.
Renesas Electronics is not liable for problems occurring when the on-chip debug function is
used.
2. The pins mounted depend on the product. Refer to 2.1 Port Function to 2.2.1 With functions
for each product in the RL78/G1C User’s Manual: Hardware.
There are following differences between the products "G: Industrial applications (TA = -40 to +105
°C)" and the
products “A: Consumer applications”.
Application
Parameter
A: Consumer applications
G: Industrial applications
Operating ambient temperature
TA = -40 to +85
°C
TA = -40 to +105
°C
High-speed on-chip oscillator clock
accuracy
2.4 V
≤ VDD ≤ 5.5 V
±1.0%@ TA = -20 to +85°C
±1.5%@ TA = -40 to -20°C
2.4 V
≤ VDD ≤ 5.5 V
±2.0%@ TA = +85 to +105°C
±1.0%@ TA = -20 to +85°C
±1.5%@ TA = -40 to -20°C
Serial array unit
UART
CSI: fCLK/2 (supporting 16 Mbps), fCLK/4
Simplified I
2C communication
UART
CSI: fCLK/4
Simplified I
2C communication
IICA
Normal mode
Fast mode
Fast mode plus
Normal mode
Fast mode
Remark
The electrical characteristics of the products G: Industrial applications (TA = -40 to +105
°C) are different
from those of the products “A: Consumer applications”. For details, refer to 3.1 to 3.10.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com