Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEMSP Datasheet(PDF) 85 Page - Renesas Technology Corp

No. de pieza R5F107DEMSP
Descripción Electrónicos  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEMSP Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F107DEMSP Datasheet HTML 81Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 82Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 83Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 84Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 85Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 86Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 87Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 88Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 107 page
background image
RL78/G1C
3.
ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105
°C)
Page 85 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
(TA =
−40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.0 V
≤ VDD ≤ 5.5 V,
IOH1 =
−3.0 mA
VDD
− 0.7
V
2.7 V
≤ VDD ≤ 5.5 V,
IOH1 =
−2.0 mA
VDD
− 0.6
V
VOH1
P00, P01, P14 to P17, P30, P31,
P40, P41, P50, P51, P70 to P75,
P120, P130, P140
2.4 V
≤ VDD ≤ 5.5 V,
IOH1 =
−1.5 mA
VDD
− 0.5
V
Output voltage,
high
VOH2
P20 to P27
2.4 V
≤ VDD ≤ 5.5 V,
IOH2 =
−100
μ A
VDD
− 0.5
V
4.0 V
≤ VDD ≤ 5.5 V,
IOL1 = 8.5 mA
0.7
V
2.7 V
≤ VDD ≤ 5.5 V,
IOL1 = 3.0 mA
0.6
V
2.7 V
≤ VDD ≤ 5.5 V,
IOL1 = 1.5 mA
0.4
V
VOL1
P00, P01, P14 to P17, P30, P31,
P40, P41, P50, P51, P70 to P75,
P120, P130, P140
2.4 V
≤ VDD ≤ 5.5 V,
IOL1 = 0.6 mA
0.4
V
VOL2
P20 to P27
2.4 V
≤ VDD ≤ 5.5 V,
IOL2 = 400
μ A
0.4
V
4.0 V
≤ VDD ≤ 5.5 V,
IOL1 = 15.0 mA
2.0
V
4.0 V
≤ VDD ≤ 5.5 V,
IOL1 = 5.0 mA
0.4
V
2.7 V
≤ VDD ≤ 5.5 V,
IOL1 = 3.0 mA
0.4
V
Output voltage,
low
VOL3
P60 to P63
2.4 V
≤ VDD ≤ 5.5 V,
IOL1 = 2.0 mA
0.4
V
Caution
P00, P01, P30, and P74 do not output high level in N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com