Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEMSP Datasheet(PDF) 82 Page - Renesas Technology Corp

No. de pieza R5F107DEMSP
Descripción Electrónicos  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEMSP Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F107DEMSP Datasheet HTML 78Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 79Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 80Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 81Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 82Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 83Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 84Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 85Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 107 page
background image
RL78/G1C
3.
ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105
°C)
Page 82 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
3.3
DC Characteristics
3.3.1
Pin characteristics
(TA =
−40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Per pin for P00, P01, P14 to P17,
P30, P31, P40, P41, P50, P51, P70 to
P75, P120, P130, P140
2.4 V
≤ VDD ≤ 5.5 V
−3.0 Note 2 mA
4.0 V
≤ VDD ≤ 5.5 V
−30.0
mA
2.7 V
≤ VDD < 4.0 V
−10.0
mA
Total of P00, P01, P40, P41, P120,
P130, P140
(When duty
≤ 70% Note 3)
2.4 V
≤ VDD < 2.7 V
−5.0
mA
4.0 V
≤ VDD ≤ 5.5 V
−30.0
mA
2.7 V
≤ VDD < 4.0 V
−19.0
mA
Total of P14 to P17, P30, P31,
P50, P51, P70 to P75
(When duty
≤ 70% Note 3)
2.4 V
≤ VDD < 2.7 V
−10.0
mA
IOH1
Total of all pins
(When duty
≤ 70%Note 3)
2.4 V
≤ VDD ≤ 5.5 V
-60.0
mA
Per pin for P20 to P27
2.4 V
≤ VDD ≤ 5.5 V
−0.1Note 2
mA
Output current,
high
Note 1
IOH2
Total of all pins
(When duty
≤ 70%Note 3)
2.4 V
≤ VDD ≤ 5.5 V
−1.5
mA
Notes 1. Value of current at which the device operation is guaranteed even if the current flows from the VDD pin to
an output pin.
2. However, do not exceed the total current value.
3. Specification under conditions where the duty factor
≤ 70%.
The output current value that has changed to the duty factor > 70% the duty ratio can be calculated with
the following expression (when changing the duty ratio to n%).
• Total output current of pins = (IOH × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOH =
−10.0 mA
Total output current of pins = (
−10.0 × 0.7)/(80 × 0.01) ≅ −8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
A current higher than the absolute maximum rating must not flow into one pin.
Caution
P00, P01, P30, and P74 do not output high level in N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com