Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEMSP Datasheet(PDF) 23 Page - Renesas Technology Corp

No. de pieza R5F107DEMSP
Descripción Electrónicos  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEMSP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R5F107DEMSP Datasheet HTML 19Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 20Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 21Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 22Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 23Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 24Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 25Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 26Page - Renesas Technology Corp R5F107DEMSP Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
RL78/G1C
2.
ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85
°C)
Page 23 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
(TA =
−40 to +85°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Per pin for P00, P01, P14 to P17,
P30, P31, P40, P41, P50, P51,
P70 to P75, P120, P130, P140
2.4V
≤ VDD ≤ 5.5 V
20.0
Note 2
mA
Per pin for P60 to P63
2.4V
≤ VDD ≤ 5.5 V
20.0
Note 2
mA
4.0 V
≤ VDD ≤ 5.5 V
70.0
mA
2.7 V
≤ VDD < 4.0 V
15.0
mA
Total of P00, P01, P40, P41, P120,
P130, P140
(When duty
≤ 70% Note 3)
2.4 V
≤ VDD < 2.7 V
9.0
mA
4.0 V
≤ VDD ≤ 5.5 V
80.0
mA
2.7 V
≤ VDD < 4.0 V
35.0
mA
Total of P14 to P17, P30, P31, P50,
P51, P60 to P63, P70 to P75
(When duty
≤ 70% Note 3)
2.4 V
≤ VDD < 2.7 V
20.0
mA
IOL1
Total of all pins
(When duty
≤ 70% Note 3)
2.4V
≤ VDD ≤ 5.5 V
150.0
mA
Per pin for P20 to P27
2.4V
≤ VDD ≤ 5.5 V
0.4
Note 2
mA
Output current,
low
Note 1
IOL2
Total of all pins
(When duty
≤ 70%Note 3)
2.4V
≤ VDD ≤ 5.5 V
5.0
mA
Notes 1. Value of current at which the device operation is guaranteed even if the current flows from an output pin
to the VSS pin.
2. However, do not exceed the total current value.
3. Specification under conditions where the duty factor
≤ 70%.
The output current value that has changed to the duty factor > 70% the duty ratio can be calculated with
the following expression (when changing the duty ratio to n%).
• Total output current of pins = (IOL × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOL = 10.0 mA
Total output current of pins = (10.0 × 0.7)/(80 × 0.01)
≅ 8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
A
current higher than the absolute maximum rating must not flow into one pin.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com