| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSP430F6776IPZ Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6776IPZ Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 157 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available MSP430F677x MSP430F676x MSP430F674x SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013 www.ti.com Table 5. Terminal Functions – PEU Package (continued) TERMINAL NO. I/O(1) DESCRIPTION NAME PEU General-purpose digital I/O with port interrupt and mappable secondary function P2.1/PM_TA0.1/BSL_RX 94 I/O Default mapping: Timer TA0 capture CCR1: CCI1A input, compare: Out1 output Bootstrap loader: Data receive General-purpose digital I/O with port interrupt and mappable secondary function P2.2/PM_TA0.2 95 I/O Default mapping: Timer TA0 capture CCR2: CCI2A input, compare: Out2 output General-purpose digital I/O port interrupt and with mappable secondary function P2.3/PM_TA1.0 96 I/O Default mapping: Timer TA1 capture CCR0: CCI0A input, compare: Out0 output Test mode pin – select digital I/O on JTAG pins TEST/SBWTCK 97 I Spy-Bi-Wire input clock General-purpose digital I/O PJ.0/TDO 98 I/O Test data output General-purpose digital I/O PJ.1/TDI/TCLK 99 I/O Test data input or Test clock input General-purpose digital I/O PJ.2/TMS 100 I/O Test mode select General-purpose digital I/O PJ.3/TCK 101 I/O Test clock Reset input active low RST/NMI/SBWTDIO 102 I/O Non-maskable interrupt input Spy-By-Wire data input/output SD0P0 103 I SD24_B positive analog input for converter 0(3) SD0N0 104 I SD24_B negative analog input for converter 0(3) SD1P0 105 I SD24_B positive analog input for converter 1(3) SD1N0 106 I SD24_B negative analog input for converter 1(3) SD2P0 107 I SD24_B positive analog input for converter 2(3) SD2N0 108 I SD24_B negative analog input for converter 2(3) SD3P0 109 I SD24_B positive analog input for converter 3(3) SD3N0 110 I SD24_B negative analog input for converter 3(3) Analog power supply selected between AVCC, AUXVCC1, AUXVCC2. Connect recommended VASYS2 111 capacitor value of CVSYS AVSS2 112 Analog ground supply VREF 113 I SD24_B external reference voltage SD4P0 114 I SD24_B positive analog input for converter 4(3) (not available on F674x devices) SD4N0 115 I SD24_B negative analog input for converter 4(3) (not available on F674x devices) SD5P0 116 I SD24_B positive analog input for converter 5(3) (not available on F674x devices) SD5N0 117 I SD24_B negative analog input for converter 5(3) (not available on F674x devices) SD6P0 118 I SD24_B positive analog input for converter 6(3) (not available on F676x, F674x devices) SD6N0 119 I SD24_B negative analog input for converter 6(3) (not available on F676x, F674x devices) AVSS1 120 Analog ground supply (3) It is recommended to short unused analog input pairs and connect them to analog ground. 16 Submit Documentation Feedback Copyright © 2012–2013, Texas Instruments Incorporated |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |