| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSP430F6776IPZ Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6776IPZ Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 157 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available MSP430F677x MSP430F676x MSP430F674x SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013 www.ti.com Table 6. Terminal Functions – PZ Package (continued) TERMINAL NO. I/O(1) DESCRIPTION NAME PZ General-purpose digital I/O Default mapping: SD24_B converter 5 bit stream data input/output (not available on F674x P5.6/PM_SD5DIO/S18 73 I/O devices) LCD segment output S18 General-purpose digital I/O Default mapping: SD24_B converter 4 bit stream data input/output (not available on F676x, P5.7/PM_SD6DIO/S17 74 I/O F674x devices) LCD segment output S17 VDSYS2(5) 75 Digital power supply for I/Os DVSS2 76 Digital ground supply General-purpose digital I/O P6.0/S16 77 I/O LCD segment output S16 General-purpose digital I/O P6.1/S15 78 I/O LCD segment output S15 General-purpose digital I/O P6.2/S14 79 I/O LCD segment output S14 General-purpose digital I/O P6.3/S13 80 I/O LCD segment output S13 General-purpose digital I/O P6.4/S12 81 I/O LCD segment output S12 General-purpose digital I/O P6.5/S11 82 I/O LCD segment output S11 General-purpose digital I/O P6.6/S10 83 I/O LCD segment output S10 General-purpose digital I/O P6.7/S9 84 I/O LCD segment output S9 General-purpose digital I/O P7.0/S8 85 I/O LCD segment output S8 General-purpose digital I/O P7.1/S7 86 I/O LCD segment output S7 General-purpose digital I/O P7.2/S6 87 I/O LCD segment output S6 General-purpose digital I/O P7.3/S5 88 I/O LCD segment output S5 General-purpose digital I/O P7.4/S4 89 I/O LCD segment output S4 General-purpose digital I/O P7.5/S3 90 I/O LCD segment output S3 General-purpose digital I/O P7.6/S2 91 I/O LCD segment output S2 General-purpose digital I/O P7.7/S1 92 I/O LCD segment output S1 (5) The pins VDSYS1 and VDSYS2 must be connected externally on board for proper device operation. 22 Submit Documentation Feedback Copyright © 2012–2013, Texas Instruments Incorporated |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |