| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSP430F6776IPZ Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6776IPZ Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 157 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available MSP430F677x MSP430F676x MSP430F674x SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013 www.ti.com Table 6. Terminal Functions – PZ Package TERMINAL NO. I/O(1) DESCRIPTION NAME PZ SD0P0 1 I SD24_B positive analog input for converter 0(2) SD0N0 2 I SD24_B negative analog input for converter 0(2) SD1P0 3 I SD24_B positive analog input for converter 1(2) SD1N0 4 I SD24_B negative analog input for converter 1(2) SD2P0 5 I SD24_B positive analog input for converter 2(2) SD2N0 6 I SD24_B negative analog input for converter 2(2) SD3P0 7 I SD24_B positive analog input for converter 3(2) SD3N0 8 I SD24_B negative analog input for converter 3(2) Analog power supply selected between AVCC, AUXVCC1, AUXVCC2. Connect recommended VASYS2 9 capacitor value of CVSYS. AVSS2 10 Analog ground supply VREF 11 I SD24_B external reference voltage SD4P0 12 I SD24_B positive analog input for converter 4(2) (not available on F674x devices) SD4N0 13 I SD24_B negative analog input for converter 4(2) (not available on F674x devices) SD5P0 14 I SD24_B positive analog input for converter 5(2) (not available on F674x devices) SD5N0 15 I SD24_B negative analog input for converter 5(2) (not available on F674x devices) SD6P0 16 I SD24_B positive analog input for converter 6(2) (not available on F676x, F674x devices) SD6N0 17 I SD24_B negative analog input for converter 6(2) (not available on F676x, F674x devices) AVSS1 18 Analog ground supply AVCC 19 Analog power supply Analog power supply selected between AVCC, AUXVCC1, AUXVCC2. Connect recommended VASYS1 20 capacitor value of CVSYS AUXVCC2 21 Auxiliary power supply AUXVCC2 AUXVCC1 22 Auxiliary power supply AUXVCC1 Digital power supply selected between DVCC, AUXVCC1, AUXVCC2. Connect recommended VDSYS1 (3) 23 capacitor value of CVSYS. DVCC 24 Digital power supply DVSS1 25 Digital ground supply VCORE (4) 26 Regulated core power supply (internal use only, no external current loading) XIN 27 I/O Input terminal for crystal oscillator XOUT 28 I/O Output terminal for crystal oscillator AUXVCC3 29 Auxiliary power supply AUXVCC3 for back up subsystem RTCCAP1 30 I External time capture pin 1 for RTC_C RTCCAP0 31 I External time capture pin 0 for RTC_C General-purpose digital I/O with port interrupt SMCLK clock output P1.5/SMCLK/CB0/A5 32 I/O Comparator_B input CB0 Analog input A5 - 10-bit ADC General-purpose digital I/O with port interrupt MCLK clock output P1.4/MCLK/CB1/A4 33 I/O Comparator_B input CB1 Analog input A4 - 10-bit ADC (1) I = input, O = output (2) It is recommended to short unused analog input pairs and connect them to analog ground. (3) The pins VDSYS1 and VDSYS2 must be connected externally on board for proper device operation. (4) VCORE is for internal use only. No external current loading is possible. VCORE should only be connected to the recommended capacitor value, CVCORE. 18 Submit Documentation Feedback Copyright © 2012–2013, Texas Instruments Incorporated |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |